Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL55B-X007 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL55B-X007
Description  Optocoupler, Photodarlington Output, High Gain
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL55B-X007 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL55B-X007 Datasheet HTML 1Page - Vishay Siliconix IL55B-X007 Datasheet HTML 2Page - Vishay Siliconix IL55B-X007 Datasheet HTML 3Page - Vishay Siliconix IL55B-X007 Datasheet HTML 4Page - Vishay Siliconix IL55B-X007 Datasheet HTML 5Page - Vishay Siliconix IL55B-X007 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 83637
Rev. 1.5, 26-Oct-04
IL55B/ 56B/ MOC8021
Vishay Semiconductors
Figure 3. Normalized Non-Saturated and Saturated Collector-
Emitter Current vs. LED Current
Figure 4. Low to High Propagation Delay vs. Collector Load
Resistance and LED Current
Figure 5. High to low Propagation Delay vs. Collector Load
Resistance and LED Current
iil55b_03
100
1
.1
.001
.01
.1
1
10
Vce=1V
Vce=5V
IF - LED Current - mA
IF =10mA
Vce=5V
Normalized to:
10
iil55b_04
0
5
10
15
20
0
20
40
60
80
VCC =5V
Vth = 1.5 V
220
ıˇ
470
IF - LED Current - mA
100
1.0 k
iil55b_05
0
5
10
15
20
0
5
10
15
20
100
1k
IF - LED Current - mA
VCC =5V
Vth = 1.5 V
Figure 6. Switching Waveform
Figure 7. Switching Schematic
iil55b_06
VO
IF
tS
tR
tF
tD
VTH=1.5 V
tPHL
tPLH
iil55b_07
VO
RL
VCC =13.5 V
IF=50 mA
F=10 KHz,
DF=50%


Similar Part No. - IL55B-X007

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL55B SIEMENS-IL55B Datasheet
51Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
More results

Similar Description - IL55B-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH619A VISHAY-SFH619A Datasheet
134Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, 300 V
Rev. 1.8, 13-Jan-12
TCED2100 VISHAY-TCED2100_08 Datasheet
163Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
Rev. 1.6, 16-May-08
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
01-Jan-2023
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
SFH619A VISHAY-SFH619A_08 Datasheet
113Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, 300 BVCEO
Rev. 1.5, 25-Jan-08
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
Rev. 1.8, 24-May-11
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2023
SFH619A VISHAY-SFH619A_V02 Datasheet
202Kb / 10P
   Optocoupler, Photodarlington Output, High Gain, 300 V BVCEO
01-Jan-2023
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com