Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6723MA Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6723MA
Description  Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6723MA Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6723MA Datasheet HTML 1Page - National Semiconductor (TI) LMH6723MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6723MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6723MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6723MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6723MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6723MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6723MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6723MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
±2.5V Electrical Characteristics (Continued)
Unless otherwise specified, A
V = +2, RF = 1200
Ω,R
L = 100
Ω. Boldface limits apply at temperature extremes. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
NICN
Inverting Current
>1MHz
6
pA/
ICN
Non-Inverting Current
>1MHz
6
pA/
Static, DC Performance
V
IO
Input Offset Voltage
−0.5
±3
±3.4
mV
I
BN
Input Bias Current
Non-Inverting
−2.7
±4
±5
µA
I
BI
Input Bias Current
Inverting
−0.7
±4
±5
µA
PSRR
Power Supply Rejection Ratio
DC, 0.5V Step
LMH6723
59
57
62
dB
LMH6724
58
55
62
LMH6725
59
56
62
CMRR
Common Mode Rejection Ratio
DC, 0.5V Step
LMH6723
57
53
59
dB
LMH6724
55
52
59
LMH6725
57
52
59
I
CC
Supply Current (per amplifier)
R
L =
.9
1.1
1.3
mA
Miscellaneous Performance
R
IN+
Input Resistance
Non-Inverting
100
k
R
IN−
Input Resistance
(Output Resistance of Input
Buffer)
Inverting
500
C
IN
Input Capacitance
Non-Inverting
1.5
pF
R
OUT
Output Resistance
Closed Loop
.02
V
O
Output Voltage Range
R
L =
±1.55
±1.4
±1.65
V
V
OL
Output Voltage Range, High
R
L = 100
LMH6723
1.35
1.27
1.45
V
LMH6724
LMH6725
1.35
1.26
1.45
Output Voltage Range, Low
R
L = 100
LMH6723
−1.25
−1.15
−1.38
V
LMH6724
LMH6725
−1.25
−1.15
−1.38
CMVR
Input Voltage Range
Common Mode, CMRR > 50 dB
±1.45
V
I
O
Output Current
Sourcing
70
60
90
mA
Sinking
−30
−30
−60
www.national.com
4


Similar Part No. - LMH6723MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6723MA TI1-LMH6723MA Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
LMH6723MA/NOPB TI1-LMH6723MA/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
LMH6723MAX/NOPB TI1-LMH6723MAX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
More results

Similar Description - LMH6723MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
ON Semiconductor
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
[Old version datasheet]   1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com