Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8644Z18E-133I Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GS8644Z18E-133I
Description  72Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS8644Z18E-133I Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GS8644Z18E-133I Datasheet HTML 4Page - List of Unclassifed Manufacturers GS8644Z18E-133I Datasheet HTML 5Page - List of Unclassifed Manufacturers GS8644Z18E-133I Datasheet HTML 6Page - List of Unclassifed Manufacturers GS8644Z18E-133I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS8644Z18E-133I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS8644Z18E-133I Datasheet HTML 9Page - List of Unclassifed Manufacturers GS8644Z18E-133I Datasheet HTML 10Page - List of Unclassifed Manufacturers GS8644Z18E-133I Datasheet HTML 11Page - List of Unclassifed Manufacturers GS8644Z18E-133I Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Product Preview
GS8644Z18(B/E)/GS8644Z36(B/E)/GS8644Z72(C)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 11/2004
8/39
© 2003, GSI Technology
165 Bump BGA—x18 Common I/O—Top View (Package E)
123456789
10
11
ANC
AE1
BB
NC
E3
CKE
ADV
A
A
AA
BNC
AE2
NC
BA
CK
W
G
A
ANC
B
CNC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
DQPA
C
DNC
DQB
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQA
D
ENC
DQB
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQA
E
FNC
DQB
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQA
F
GNC
DQB
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQA
G
HFT
MCH
NC
VDD
VSS
VSS
VSS
VDD
NC
ZQ
ZZ
H
J
DQB
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
NC
J
K
DQB
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
NC
K
L
DQB
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
NC
L
M
DQB
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
NC
M
N
DQPB
NC
VDDQ
VSS
NC
NC
NC
VSS
VDDQ
NC
NC
N
PNC
A
A
ATDI
A1
TDO
A
A
ANC
P
RLBO
A
A
ATMS
A0
TCK
A
A
A
AR
11 x 15 Bump BGA—15 mm x 17 mm Body—1.0 mm Bump Pitch


Similar Part No. - GS8644Z18E-133I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8644Z18E-133I GSI-GS8644Z18E-133I Datasheet
1Mb / 30P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8644Z18E-133I GSI-GS8644Z18E-133I Datasheet
556Kb / 32P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8644Z18E-133IV GSI-GS8644Z18E-133IV Datasheet
1Mb / 30P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS8644Z18E-133I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8644Z36GE-200 GSI-GS8644Z36GE-200 Datasheet
556Kb / 32P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8642Z18B GSI-GS8642Z18B Datasheet
1Mb / 34P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8642ZV18B GSI-GS8642ZV18B Datasheet
1Mb / 32P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8640Z18T GSI-GS8640Z18T Datasheet
972Kb / 25P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8640Z18T-V GSI-GS8640Z18T-V Datasheet
914Kb / 22P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8644ZV18B GSI-GS8644ZV18B Datasheet
1Mb / 37P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8640ZV18T GSI-GS8640ZV18T Datasheet
582Kb / 23P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8644Z18E-V GSI-GS8644Z18E-V Datasheet
1Mb / 30P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8640Z18GT-250I GSI-GS8640Z18GT-250I Datasheet
271Kb / 25P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com