Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5001S8-2.7 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X5001S8-2.7
Description  CPU Supervisor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5001S8-2.7 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X5001S8-2.7 Datasheet HTML 6Page - Xicor Inc. X5001S8-2.7 Datasheet HTML 7Page - Xicor Inc. X5001S8-2.7 Datasheet HTML 8Page - Xicor Inc. X5001S8-2.7 Datasheet HTML 9Page - Xicor Inc. X5001S8-2.7 Datasheet HTML 10Page - Xicor Inc. X5001S8-2.7 Datasheet HTML 11Page - Xicor Inc. X5001S8-2.7 Datasheet HTML 12Page - Xicor Inc. X5001S8-2.7 Datasheet HTML 13Page - Xicor Inc. X5001S8-2.7 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
X5001
10
A.C. CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified)
Data Input Timing
Data Output Timing
Notes:
(3) This parameter is periodically sampled and not 100% tested.
(4) tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal
nonvolatile write cycle.
1.8V–3.6V
2.7V–5.5V
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
fSCK
Clock Frequency
0102
MHz
tCYC
Cycle Time
1000
500
ns
tLEAD
CS Lead Time
400
200
ns
tLAG
CS Lag Time
400
200
ns
tWH
Clock HIGH Time
400
200
ns
tWL
Clock LOW Time
400
200
ns
tSU
Data Setup Time
100
50
ns
tH
Data Hold Time
100
50
ns
tRI
(3)
Input Rise Time
22
µs
tFI
(3)
Input Fall Time
22
µs
tCS
CS Deselect Time
250
150
ns
tWC
(4)
Write Cycle Time
10
10
ms
1.8V–3.6V
2.7V–5.5V
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
fSCK
Clock Frequency
0102
MHz
tDIS
Output Disable Time
400
200
ns
tV
Output Valid from Clock Low
400
200
ns
tHO
Output Hold Time
00
ns
tRO
(3)
Output Rise Time
300
150
ns
tFO
(3)
Output Fall Time
300
150
ns
Figure 1. EQUIVALENT A.C. LOAD CIRCUIT
A.C. TEST CONDITIONS
3V
OUTPUT
100pF
5V
3.3K
RESET
30pF
1.64K
1.64
K
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Level
VCC x0.5


Similar Part No. - X5001S8-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5001S8-2.7 INTERSIL-X5001S8-2.7 Datasheet
275Kb / 18P
   CPU Supervisor
X5001S8-2.7 INTERSIL-X5001S8-2.7 Datasheet
305Kb / 20P
   CPU Supervisor
logo
Renesas Technology Corp
X5001S8-2.7 RENESAS-X5001S8-2.7 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Intersil Corporation
X5001S8-2.7A INTERSIL-X5001S8-2.7A Datasheet
275Kb / 18P
   CPU Supervisor
X5001S8-2.7A INTERSIL-X5001S8-2.7A Datasheet
305Kb / 20P
   CPU Supervisor
More results

Similar Description - X5001S8-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com