Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79RC32K438233BBI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 79RC32K438233BBI
Description  IDTTM InterpriseTM Integrated Communications Processor
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RC32K438233BBI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 79RC32K438233BBI Datasheet HTML 3Page - Integrated Device Technology 79RC32K438233BBI Datasheet HTML 4Page - Integrated Device Technology 79RC32K438233BBI Datasheet HTML 5Page - Integrated Device Technology 79RC32K438233BBI Datasheet HTML 6Page - Integrated Device Technology 79RC32K438233BBI Datasheet HTML 7Page - Integrated Device Technology 79RC32K438233BBI Datasheet HTML 8Page - Integrated Device Technology 79RC32K438233BBI Datasheet HTML 9Page - Integrated Device Technology 79RC32K438233BBI Datasheet HTML 10Page - Integrated Device Technology 79RC32K438233BBI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
7 of 59
May 25, 2004
IDT 79RC32438
PCIREQN[3:0]
I/O
PCI Bus Request.
In PCI host mode with internal arbiter:
These signals are inputs whose assertion indicates to the internal RC32438
arbiter that an agent desires ownership of the PCI bus.
In PCI host mode with external arbiter:
PCIREQN[0]: asserted by the RC32438 to request ownership of the PCI bus.
PCIREQN[3:1]: unused and driven high.
In PCI satellite mode:
PCIREQN[0]: this signal is asserted by the RC32438 to request use of the PCI
bus.
PCIREQN[1]: function changes to PCIIDSEL and is used as a chip select during
configuration read and write transactions.
PCIREQN[3:2]: unused and driven high.
Note: When the GPIO register is programmed in the alternate function mode for
bits GPIO [24] and [27], these bits become PCIREQN [4] and [5] respectively.
PCIRSTN
I/O
PCI Reset. In host mode, this signal is asserted by the RC32438 to generate a
PCI reset. In satellite mode, assertion of this signal initiates a warm reset.
PCISERRN
I/O
PCI System Error. This signal is driven by an agent to indicate an address par-
ity error, data parity error during a special cycle command, or any other system
error. Requires an external pull-up.
PCISTOPN
I/O
PCI Stop. Driven by the bus target to terminate the current bus transaction. For
example, to indicate a retry.
PCITRDYN
I/O
PCI Target Ready. Driven by the bus target to indicate that the current data can
complete.
General Purpose Input/Output
GPIO[0]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: U0SOUT
Alternate function: UART channel 0 serial output.
GPIO[1]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: U0SINP
Alternate function: UART channel 0 serial input.
GPIO[2]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: U0RIN
Alternate function: UART channel 0 ring indicator input.
GPIO[3]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: U0DCDN
Alternate function: UART channel 0 data carrier detect input.
GPIO[4]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: U0DTRN
Alternate function: UART channel 0 data terminal ready input.
GPIO[5]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: U0DSRN
Alternate function: UART channel 0 data set ready input.
Signal
Type
Name/Description
Table 1 Pin Description (Part 4 of 9)


Similar Part No. - 79RC32K438233BBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32332 RENESAS-79RC32332 Datasheet
820Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor 3.3V and 2.5V Devices
May 4, 2004
79RC32333 RENESAS-79RC32333 Datasheet
616Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor 3.3V and 2.5V Devices
May 4, 2004
logo
Integrated Device Techn...
79RC32334 IDT-79RC32334 Datasheet
744Kb / 30P
   IDT Interprise Integrated Communications Processor
logo
Renesas Technology Corp
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
logo
Integrated Device Techn...
79RC32334-100BB IDT-79RC32334-100BB Datasheet
744Kb / 30P
   IDT Interprise Integrated Communications Processor
More results

Similar Description - 79RC32K438233BBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
logo
Integrated Device Techn...
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Integrated Device Techn...
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32438 RENESAS-79RC32438 Datasheet
1Mb / 60P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
logo
Integrated Device Techn...
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com