Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79RC32K438-233BB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 79RC32K438-233BB
Description  IDTTM InterpriseTM Integrated Communications Processor
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RC32K438-233BB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 79RC32K438-233BB Datasheet HTML 7Page - Integrated Device Technology 79RC32K438-233BB Datasheet HTML 8Page - Integrated Device Technology 79RC32K438-233BB Datasheet HTML 9Page - Integrated Device Technology 79RC32K438-233BB Datasheet HTML 10Page - Integrated Device Technology 79RC32K438-233BB Datasheet HTML 11Page - Integrated Device Technology 79RC32K438-233BB Datasheet HTML 12Page - Integrated Device Technology 79RC32K438-233BB Datasheet HTML 13Page - Integrated Device Technology 79RC32K438-233BB Datasheet HTML 14Page - Integrated Device Technology 79RC32K438-233BB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
11 of 59
May 25, 2004
IDT 79RC32438
MII1CRS
I
Ethernet 1 MII Carrier Sense. This signal is asserted by the ethernet PHY
when either the transmit or receive medium is not idle.
MII1RXCLK
I
Ethernet 1 MII Receive Clock. This clock is a continuous clock that provides a
timing reference for the reception of data.
MII1RXD[3:0]
I
Ethernet 1 MII Receive Data. This nibble wide data bus contains the data
received by the ethernet PHY.
MII1RXDV
I
Ethernet 1 MII Receive Data Valid. The assertion of this signal indicates that
valid receive data is in the MII receive data bus.
MII1RXER
I
Ethernet 1 MII Receive Error. The assertion of this signal indicates that an
error was detected somewhere in the ethernet frame currently being sent in the
MII receive data bus.
MII1TXCLK
I
Ethernet 1 MII Transmit Clock. This clock is a continuous clock that provides a
timing reference for the transfer of transmit data.
MII1TXD[3:0]
O
Ethernet 1 MII Transmit Data. This nibble wide data bus contains the data to
be transmitted.
MII1TXENP
O
Ethernet 1 MII Transmit Enable. The assertion of this signal indicates that data
is present on the MII for transmission.
MII1TXER
O
Ethernet 1 MII Transmit Coding Error. When this signal is asserted together
with MIITXENP, the ethernet PHY will transmit symbols which are not valid data
or delimiters.
MIIMDC
O
MII Management Data Clock. This signal is used as a timing reference for
transmission of data on the management interface.
MIIMDIO
I/O
MII Management Data. This bidirectional signal is used to transfer data
between the station management entity and the ethernet PHY.
JTAG / EJTAG
EJTAG_TMS
I
EJTAG Mode. The value on this signal controls the test mode select of the
EJTAG Controller. When using the JTAG boundary scan, this pin should be left
disconnected (since there is an internal pull-up) or driven high.
JTAG_TCK
I
JTAG Clock. This is an input test clock used to clock the shifting of data into or
out of the boundary scan logic, JTAG Controller, or the EJTAG Controller.
JTAG_TCK is independent of the system and the processor clock with a nomi-
nal 50% duty cycle.
JTAG_TDI
I
JTAG Data Input. This is the serial data input to the boundary scan logic, JTAG
Controller, or the EJTAG Controller.
JTAG_TDO
O
JTAG Data Output. This is the serial data shifted out from the boundary scan
logic, JTAG Controller, or the EJTAG Controller. When no data is being shifted
out, this signal is tri-stated.
JTAG_TMS
I
JTAG Mode. The value on this signal controls the test mode select of the
boundary scan logic or JTAG Controller. When using the EJTAG debug inter-
face, this pin should be left disconnected (since there is an internal pull-up) or
driven high.
Signal
Type
Name/Description
Table 1 Pin Description (Part 8 of 9)


Similar Part No. - 79RC32K438-233BB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32332 RENESAS-79RC32332 Datasheet
820Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor 3.3V and 2.5V Devices
May 4, 2004
79RC32333 RENESAS-79RC32333 Datasheet
616Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor 3.3V and 2.5V Devices
May 4, 2004
logo
Integrated Device Techn...
79RC32334 IDT-79RC32334 Datasheet
744Kb / 30P
   IDT Interprise Integrated Communications Processor
logo
Renesas Technology Corp
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
logo
Integrated Device Techn...
79RC32334-100BB IDT-79RC32334-100BB Datasheet
744Kb / 30P
   IDT Interprise Integrated Communications Processor
More results

Similar Description - 79RC32K438-233BB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
logo
Integrated Device Techn...
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Integrated Device Techn...
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32438 RENESAS-79RC32438 Datasheet
1Mb / 60P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
logo
Integrated Device Techn...
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com