Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1572 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1572
Description  1.5A, 500kHz Step-down Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1572 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1572 Datasheet HTML 7Page - National Semiconductor (TI) LM1572 Datasheet HTML 8Page - National Semiconductor (TI) LM1572 Datasheet HTML 9Page - National Semiconductor (TI) LM1572 Datasheet HTML 10Page - National Semiconductor (TI) LM1572 Datasheet HTML 11Page - National Semiconductor (TI) LM1572 Datasheet HTML 12Page - National Semiconductor (TI) LM1572 Datasheet HTML 13Page - National Semiconductor (TI) LM1572 Datasheet HTML 14Page - National Semiconductor (TI) LM1572 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Application Information (Continued)
inductor for the application. 10µH is a more widely available
standard value, and very close to the optimum value too, and
would therefore be a good choice too. Note that inductances
larger than 15µH are not recommended in general.
To more accurately predict how the selected off-the-shelf
part will actually perform in the real application, the designer
is referred to AN-1197. The procedure contained therein
could greatly help in correctly choosing the lowest accept-
able current/energy rating of the inductor, and thereby reduc-
ing its size further.
Input Capacitor Selection
At the input, the first requirement is a high frequency (pref-
erably ceramic) decoupling capacitor, of value 0.1µF, placed
very close to, and between the V
IN pins and the Ground Pins
of the IC. This provides the triangular pulsed current wave-
form that flows through the switch. In addition, a bulk capaci-
tor is also required, which replenishes the decoupling ca-
pacitor, and may be placed slightly further away if necessary.
The rating and selection of this capacitor is discussed below.
In general a standard low-esr aluminum electrolytic is rec-
ommended at the input (’esr’ refers to the equivalent series
resistance hereafter). There are several reasons for this.
Firstly, tantalum capacitors have inherent input surge-current
limitations. So when the input surge current comes from a
very low impedance source (such as a high current lab DC
power supply), there is a chance that the capacitor may not
survive several such repeated high dV/dt events. In any
case, even using ’surge-tested’ tantalums (like TPS series
from AVX) a 50% voltage derating is recommended in such
conditions. Therefore hypothetically, a 35V tantalum must be
used for the preceding example, in which the maximum input
was 16V. The second reason for avoiding very low esr input
capacitors is that there is a possibility of severe input oscil-
lations. The elements involved in this resonance are the
inductance of the input leads, the input capacitance and the
(negative) input impedance of the switching stage. It is
known that the esr of the input capacitor actually serves a
useful purpose in damping out these oscillations.
These oscillations can only be seen clearly under lab condi-
tions if the output of the lab DC power supply is ON/Output-
Enabled and then the lead from the converter stage is physi-
cally connected to the output terminals of the DC power
supply. Just turning the DC power supply ON/OFF (or with
an Output-Enable button) does not generate the high dV/dt
required to provoke these oscillations. Under a real situation,
input oscillations can become severe enough to cause the
maximum voltage rating of the IC to be exceeded. The
ringing can in turn, also feed in to the Analog sections of the
LM1572, causing strange behavior and possibly device fail-
ure.
The designer needs to therefore monitor the input ramp
close to the input of the converter, preferably with a digitizing
oscilloscope set to about 10-20µs/div and using the single
acquisition mode. Once the ramp is being captured, it will be
seen that large input capacitances ’slow’ the dV/dt consider-
ably, thereby reducing the overshoot and the input oscilla-
tions. However, besides the capacitance itself, the esr of the
input capacitor is a major contributor too. Therefore, in a
typical comparison of a 10µF aluminum electrolytic vs. a
10µF tantalum electrolytic (tantalum has lower esr), it was
seen that there was an almost 50% overshoot in the peak
input voltage for the tantalum capacitor (accompanied by
severe ringing), whereas for the aluminum capacitor, the
overshoot was only about 10% (plus the waveform was that
of a well damped system). The designer should also be
aware that some older DC power supplies actually exacer-
bate the problem, while apparently trying to ’correct’ the
output voltage. The situation gets even worse if the DC
power supply has a remote-sense which is being used to
apparently ’correct’ the input voltage at the input of the
converter. Therefore, it is always a good idea to try out
another available DC power supply to see how severe the
problem is in reality, or whether it is just a ’bad’ lab supply.
If because of size constraints the designer must use tantal-
ums, a minimum capacitance of 22µF is recommended for
any application, irrespective of input/output conditions. This
’softens’ up the input dV/dt significantly and reduces the
ringing.
The basic electrical criterion for selecting an input capacitor
is the input RMS current. The equation for this is
where ’r’ is the current ripple ratio. It is given by
where L is in µH and f in Hz. This calculation should be done
at the worst case condition for this parameter, which corre-
sponds to 50% duty cycle. If the application never ’sees’ 50%
duty cycle over its entire operating range, then the worst
case is simply the closest duty cycle to 50%. This can, in
general, occur at either of the input voltage extremes, and
therefore both ends must then be examined. In the example,
it was seen that the duty cycle varies from 34.4% to 65%. So
it is clear that there does exist an input voltage point within
the range, at which the duty cycle is 50%. At this worst-case
condition, for the chosen inductor, ’r’ at D=0.5 is
r = 0.45
At this point the input RMS current in the capacitor is
I
IN = 0.76A
Therefore, this is also the minimum required RMS current
rating of any input capacitor to be used. Now, a typical 25V
aluminum capacitor would need to be around 470-1000µF
just to be able to handle this current. It would also take up
valuable space on the board. Therefore for the example, the
choice is tantalum 22µF/35V TPS series AVX capacitor, Part
Number TPSE226K035S0200, rated for 0.812A at 85˚C.
Though it is also possible to use a Panasonic surface mount
aluminum
470µF/25V
FK
series,
Part
Number
EEVFK1E471P, rated for 0.85A at 105˚C.
www.national.com
11


Similar Part No. - LM1572

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM1575 NSC-LM1575 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM1575 TI-LM1575 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM1575 TI-LM1575 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
   Simple Switcher 1A Step-Down Voltage Regulator
More results

Similar Description - LM1572

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1956EFE-5 LINER-LT1956EFE-5 Datasheet
288Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down
LT1956EGN LINER-LT1956EGN Datasheet
288Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com