Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5506EUF Datasheet(PDF) 8 Page - Linear Technology

Part # LT5506EUF
Description  40MHz to 500MHz Quadrature Demodulator with VGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5506EUF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5506EUF Datasheet HTML 4Page - Linear Technology LT5506EUF Datasheet HTML 5Page - Linear Technology LT5506EUF Datasheet HTML 6Page - Linear Technology LT5506EUF Datasheet HTML 7Page - Linear Technology LT5506EUF Datasheet HTML 8Page - Linear Technology LT5506EUF Datasheet HTML 9Page - Linear Technology LT5506EUF Datasheet HTML 10Page - Linear Technology LT5506EUF Datasheet HTML 11Page - Linear Technology LT5506EUF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT5506
8
5506fa
APPLICATIO S I FOR ATIO
of both IF inputs lower than 2
Ω. In the matching network
of Figure 1, inductor L3 is used for supplying the DC bias
current to the IF+ input. To keep the DC resistance of L3
below 2
Ω, 120nH is used. This disturbs the matching
network slightly by causing the frequency where the S11
is minimal to be lower than the frequency where the
amplitudes of IF+ and IFare equal. To compensate for
this, the value of coupling capacitor C3 is lowered and will
contribute some correcting reactance. For low frequen-
cies, it might not be possible to find any practical inductor
value for L3 with DC resistance smaller than 2
Ω. In that
case it is recommended to use a transformer with central
tap. The tolerance for the components in Figure 1 can be
10% for a return loss higher than 16dB and a gain
reduction due to mismatch less than 0.3dB.
It is possible to simplify the input matching circuit and
compromise the performance. In Figure 2a, the simplified
matching network is given.
Figure 1. IF Input Matching Network at 280MHz
C3
56pF
C1
5.6pF
C2
5.6pF
L1
56nH
L3
120nH
L2
56nH
TO IF+
TO IF
5506 F01
IF
INPUT
Table 1. The Component Values of Matching Network L1, L2, L3,
C1, C2 and C3.
fIF(MHz)
L1, L2(nH)
C1, C2(pF)
L3(nH)
C3(pF)
50
340
34
1800
820
100
159
15.9
470
220
150
106
10.6
470
220
200
80
8.0
470
220
250
64
6.4
120
56
300
53
5.3
120
56
350
45
4.5
120
56
400
40
4.0
120
56
450
35
3.5
120
56
500
32
3.2
120
56
This matching network can deliver equal amplitudes to the
IF+ and IFinputs for a narrow frequency region, but the
phase difference between the inputs will not be exactly 180
degrees. In practice, the phase shift will be around 145
degrees, depending on the quality factor of the network.
This will result in a reduction in the gain. The higher the
chosen quality factor, the closer the phase difference will
approach 180 degrees. However, a higher quality factor
will reduce bandwidth and create more loss in the match-
ing network. For minimum board space, 0402 compo-
nents are used. The measured noise figure for maximum
gain with this matching network is about 8dB, and the
maximum gain about 57dB. Assuming 0402 inductors
with Q = 35, the insertion loss of this network is about
2.5dB. The tolerance for the components in Figure 2a can
be 10% for a return loss higher than 10dB and a gain
reduction due to mismatch less than 0.5dB. The measured
input sensitivity for this matching network (see also Fig-
ure 11) is about –82.7dBm for a 10dB signal-to-noise
ratio.
The gain of the VGA is set by the voltage at the VCTRL pin.
For high gain settings, both the noise figure and the input
IP3 will be low. From a noise figure point of view, it is
advantageous to work as closely as possible to the maxi-
mum gain point. However, if the voltage at the VCTRL pin
is increased beyond the maximum gain point (where
additional increase in control voltage does not give an
increase in gain), the response time of the gain control
circuit is increased. If control speed is crucial, a few dB of
gain margin should be allowed from the highest gain point
to be sure that at all temperatures, the maximum gain
setting is not crossed. At low gain settings, the noise figure
and the input IP3 will be high. Optionally, the control
Figure 2a. Simplified IF Input Matching Network at 280MHz
and Figure 2b. Simplified Circuit Schematic of the IF Inputs
75
C1
10pF
L1
15nH
L2
15nH
TO IF+
IF
IF+
TO IF
5506 F02
IF
INPUT
1mA
1mA
75
VBIAS
(2a)
(2b)


Similar Part No. - LT5506EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5506 LINER-LT5506 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5506 LINER-LT5506_15 Datasheet
322Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
More results

Similar Description - LT5506EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5506 LINER-LT5506_15 Datasheet
322Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
LT5517 LINER-LT5517 Datasheet
208Kb / 12P
   40MHz to 900MHz Quadrature Demodulator
LT5517 LINER-LT5517_15 Datasheet
220Kb / 12P
   40MHz to 900MHz Quadrature Demodulator
LT5546 LINER-LT5546 Datasheet
312Kb / 12P
   40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
LT5546 LINER-LT5546_15 Datasheet
290Kb / 12P
   40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
logo
IC MICROSYSTEMS
ICQ2716 ICMIC-ICQ2716 Datasheet
421Kb / 6P
   200 - 600 MHz QUADRATURE DEMODULATOR WITH VGA
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com