Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1012AIN8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1012AIN8
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012AIN8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1012AIN8 Datasheet HTML 4Page - Linear Technology LT1012AIN8 Datasheet HTML 5Page - Linear Technology LT1012AIN8 Datasheet HTML 6Page - Linear Technology LT1012AIN8 Datasheet HTML 7Page - Linear Technology LT1012AIN8 Datasheet HTML 8Page - Linear Technology LT1012AIN8 Datasheet HTML 9Page - Linear Technology LT1012AIN8 Datasheet HTML 10Page - Linear Technology LT1012AIN8 Datasheet HTML 11Page - Linear Technology LT1012AIN8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1012A/LT1012
sn1012 1012afbs
Offset Voltage vs Source
Resistance (Balanced or
Unbalanced)
Typical Distribution of Input
Offset Current
Typical Distribution of Input Bias
Current
Input Bias Current vs
Temperature
Offset Voltage Drift vs Source
Resistance (Balanced or
Unbalanced)
Input Bias Current Over Common
Mode Range
Warm-Up Drift
Offset Voltage Drift with Temperature
of Four Representative Units
Long Term Stability of Four
Representative Units
SOURCE RESISTANCE (
Ω)
1k
1
100
1000
100k
10k
300k 1M
3M 10M
30k
3k
10
LT1012A • TPC01
25
°C
–55
°C TO 125°C
VS = ±15V
INPUT BIAS CURRENT (pA)
120
160
200
LT1012A • TPC02
80
40
0
–120
–60
60
120
0
1020 UNITS
FROM THREE
RUNS
VS = ±15V
TA = 25°C
VCM = 0V
INPUT OFFSET CURRENT (pA)
120
160
200
LT1012A • TPC03
80
40
0
–120
–60
60
120
0
1020 UNITS
FROM THREE
RUNS
VS = ±15V
TA = 25°C
VCM = 0V
TEMPERATURE (
°C)
–50
–150
–50
100
0
50
–100
50
0
100
–25
25
75
125
UNDERCANCELLED UNIT
LT1012A • TPC04
OVERCANCELLED
UNIT
SOURCE RESISTANCE (
Ω)
1k
0.1
10
100
100k
10k
1M
10M
100M
1.0
LT1012 • TPC06
MAXIMUM
TYPICAL
0
0
3
4
5
4
2
1
1
2
3
5
TIME AFTER POWER ON (MINUTES)
METAL CAN (H) PACKAGE
DUAL-IN-LINE PACKAGE
PLASTIC (N) OR SO (S)
VS = ±15V
TA = 25°C
LT1012A • TPC07
TIME (MONTHS)
0
2
6
10
4
–2
–6
0
4
8
–4
–8
–10
1
2
3
5
LT1012A • TPC08
–50
20
40
60
25
75
0
–20
–25
0
50
100
125
–40
–60
TEMPERATURE (
°C)
LT1012A • TPC09
COMMON MODE INPUT VOLTAGE
–15
–60
–40
–20
0
20
60
–10
–5
0
5
10
15
40
VS = ±15V
TA = 25
oC
DEVICE WITH POSITIVE
INPUT CURRENT
DEVICE WITH NEGATIVE
INPUT CURRENT
RIN CM = 2 X 10
12
+
LT1012A * TPC5
IB
VCM
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1012AIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1012A LINER-LT1012A Datasheet
345Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012ACH LINER-LT1012ACH Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1012ACN8 LINER-LT1012ACN8 Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1012AMH LINER-LT1012AMH Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
More results

Similar Description - LT1012AIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1008 LINER-LT1008_1 Datasheet
275Kb / 16P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT012S8 LINER-LT012S8 Datasheet
164Kb / 3P
   Picoamp Input Current,Microvolt Offset,Low Noise Op Amp
LT1012 LINER-LT1012_15 Datasheet
345Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1008 LINER-LT1008 Datasheet
946Kb / 12P
   Picoamp Input Current,Microvolt Offset,Low Noise Op Amp?
LT1008 LINER-LT1008_15 Datasheet
281Kb / 16P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012A LINER-LT1012A_15 Datasheet
345Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1024 LINER-LT1024_15 Datasheet
180Kb / 12P
   Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1024 LINER-LT1024_1 Datasheet
174Kb / 12P
   Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1024 LINER-LT1024 Datasheet
719Kb / 8P
   Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com