Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC62WV5128STI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STC62WV5128STI
Description  Very Low Power/Voltage CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STC62WV5128STI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STC62WV5128STI Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV5128STI Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV5128STI Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV5128STI Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV5128STI Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV5128STI Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV5128STI Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV5128STI Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV5128STI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Revision 1.1
Jan.
2004
1
R0201-
STC62WV5128
Very Low Power/Voltage CMOS SRAM
512K X 8 bit
• Wide Vcc operation voltage : 2.4V ~ 5.5V
• Very low power consumption :
Vcc = 3.0V
C-grade: 29mA (@55ns) operating current
I -grade: 30mA (@55ns) operating current
C-grade: 24mA (@70ns) operating current
I -grade: 25mA (@70ns) operating current
0.45uA (Typ.) CMOS standby current
Vcc = 5.0V
C-grade: 68mA (@55ns) operating current
I -grade: 70mA (@55ns) operating current
C-grade: 58mA (@70ns) operating current
I -grade: 60mA (@70ns) operating current
2.0uA (Typ.) CMOS standby current
• High speed access time :
-55
55ns
-70
70ns
• Automatic power down when chip is deselected
• Fully static operation
The
STC62WV5128 is a high performance, very low power CMOS
Static Random Access Memory organized as 524,288 words by 8 bits
and operates from a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current of
0.45uA at 3.0V/25oC and maximum access time of 55ns at 3.0V/85oC.
Easy memory expansion is provided by an active LOW chip enable
(CE) , and active LOW output enable (OE) and three-state output
drivers.
The
STC62WV5128 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The
STC62WV5128 is available in the JEDEC standard 32L SOP, TSOP
, PDIP, TSOP II and STSOP package.
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
STC International Limited. reserves the right to modify document contents without notice.
Address
Input
Buffer
Row
Decoder
Memory Array
2048 X 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
Address Input Buffer
Data
Buffer
Input
Control
GND
Vdd
OE
WE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
A13
A17
A15
A18
A16
A14
A12
A7
A6
A5
A4
8
8
8
8
16
256
2048
2048
22
A11 A9 A8 A3 A2 A1 A0 A10
STC62WV5128
STC
POWER DISSIPATION
SPEED
( ns )
STANDBY
( I CCSB1 , Max )
Operating
( I CC , Max )
PKG
TYPE
STC62WV5128TC
TSOP- 32
STC62WV5128STC
STSOP-32
STC62WV5128SC
SOP -32
STC62WV5128EC
TSOP2-32
STC62WV5128PC
+0
O C to +70O C
2.4V ~ 5.5V
55 / 70
5uA
30uA
24mA
58mA
PDIP -32
STC62WV5128TI
TSOP-32
STC62WV5128STI
STSOP-32
STC62WV5128SI
SOP - 32
STC62WV5128EI
TSOP2-32
STC62WV5128PI
-40
O C to +85O C
2.4V ~ 5.5V
55 / 70
10uA
60uA
25mA
60mA
PDIP - 32
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
A3
A11
A9
A8
A13
WE
A17
A15
VCC
A18
A16
A14
A12
A7
A6
A5
A4
STC62WV5128TC
STC62WV5128STC
STC62WV5128TI
STC62WV5128STI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A15
A17
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
62
WV5128SC
62WV5128SI
62WV5128EC
62WV5128EI
62WV5128PC
62WV5128PI
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
55ns :3.0~5.5V
Vcc = 3.0V
Vcc = 3.0V Vcc =5.0V
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
• Three state outputs and TTL compatible
70ns :2.7~5.5V
Vcc =5.0V
70ns
70ns


Similar Part No. - STC62WV5128STI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216EC ETC-STC62WV51216EC Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216ECG55 ETC-STC62WV51216ECG55 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216EI ETC-STC62WV51216EI Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216EIPO70 ETC-STC62WV51216EIPO70 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
More results

Similar Description - STC62WV5128STI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC62WV256 ETC-STC62WV256 Datasheet
385Kb / 10P
   VERY LOW POWER/VOLTAGE CMOS SRAM
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1012 BSI-BS616LV1012 Datasheet
260Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
List of Unclassifed Man...
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com