Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575-12IKTT Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2575-12IKTT
Description  1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2575-12IKTT Datasheet(HTML) 3 Page - Texas Instruments

  LM2575-12IKTT Datasheet HTML 1Page - Texas Instruments LM2575-12IKTT Datasheet HTML 2Page - Texas Instruments LM2575-12IKTT Datasheet HTML 3Page - Texas Instruments LM2575-12IKTT Datasheet HTML 4Page - Texas Instruments LM2575-12IKTT Datasheet HTML 5Page - Texas Instruments LM2575-12IKTT Datasheet HTML 6Page - Texas Instruments LM2575-12IKTT Datasheet HTML 7Page - Texas Instruments LM2575-12IKTT Datasheet HTML 8Page - Texas Instruments LM2575-12IKTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
Internal
Regulator
On/Off
_
+
_
+
1.23-V
Band-Gap
Reference
52-kHz
Oscillator
Reset
Thermal
Shutdown
Current
Limit
FEEDBACK
4
CIN
+
VIN
1
Unregulated
DC Input
GND
3
OUTPUT
2
ON/OFF
5
COUT
+
D1
L
O
A
D
VOUT
1-A
Switch
Driver
Fixed-Gain
Error Amp
Comparator
R2
R1
1 kW
3.3 V: R2 = 1.7 kW
5 V: R2 = 3.1 kW
12 V: R2 = 8.84 kW
15 V: R2 = 11.3 kW
ADJ: R1 = Open, R2 = 0
L1
LM2575-05
7-V to 40-V
Unregulated
DC Input
CIN
100
µF
+
+VIN
1
3
GND
5
ON/OFF
D1
1N5819
OUTPUT
2
L1
330
µH
COUT
330
µF
+
FEEDBACK
4
5-V
Regulated
Output
1-A Load
L2
20
µH
C1
100
µF
+
Optional Output Ripple Filter
LM2575
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
SLVS569D – JANUARY 2005 – REVISED JULY 2005
FUNCTIONAL BLOCK DIAGRAM
A.
Pin numbers are for the KTT (TO-263) package.
A.
Pin numbers are for the KTT (TO-263) package.
Figure 1. Typical Application Circuit (Fixed Version)
3


Similar Part No. - LM2575-12IKTT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575-12 MOTOROLA-LM2575-12 Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
Micrel Semiconductor
LM2575-12BN MICREL-LM2575-12BN Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2575-12BN MICREL-LM2575-12BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-12BN MICREL-LM2575-12BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-12BT MICREL-LM2575-12BT Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
More results

Similar Description - LM2575-12IKTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
TL2575 TI-TL2575_10 Datasheet
1,011Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
[Old version datasheet]   1-A Simple Step-Down Switching Voltage Regulators
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-05-Q1 TI1-TL2575HV-05-Q1 Datasheet
800Kb / 22P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575 Datasheet
2Mb / 23P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_08 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05 TI1-TL2575-05 Datasheet
1Mb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com