Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9201 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9201
Description  Low-Cost, 7ns, Low-Power Voltage Comparators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9201 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX9201 Datasheet HTML 1Page - Maxim Integrated Products MAX9201 Datasheet HTML 2Page - Maxim Integrated Products MAX9201 Datasheet HTML 3Page - Maxim Integrated Products MAX9201 Datasheet HTML 4Page - Maxim Integrated Products MAX9201 Datasheet HTML 5Page - Maxim Integrated Products MAX9201 Datasheet HTML 6Page - Maxim Integrated Products MAX9201 Datasheet HTML 7Page - Maxim Integrated Products MAX9201 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Low Cost, 7ns, Low-Power
Voltage Comparators
Figure 4. tPD- Response Time to 5mV Overdrive
Figure 5. Response-Time Setup
5ns/div
OUTPUT
INPUT
VOD + 5mV
50mV/div
1V/div
0V
0V
PRECISION
STEP
GENERATOR
INPUT TO 10X
SCOPE PROBE
(10M
Ω 14pF)
VCC
OFFSET
ADJUST
100nF
100nF
10k
VEE = -5V
100nF
OUTPUT TO 10X
SCOPE PROBE
(10M
Ω 14pF)
1k
10k
10k
VCC = +5V
VDD = +5V
RL
2.43k
D.U.T.
100nF
Figure 6. Response to 50MHz Sine Wave
Figure 7. Response to 100MHz Sine Wave
5ns/div
OUTPUT
INPUT
2V/div
10mV/div
0V
0V
5ns/div
OUTPUT
INPUT
2V/div
10mV/div
0V
0V
Chip Information
MAX9201 TRANSISTOR COUNT: 348
MAX9202 TRANSISTOR COUNT: 176
MAX9203 TRANSISTOR COUNT: 116
PROCESS: Bipolar
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.


Similar Part No. - MAX9201

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX920 MAXIM-MAX920 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX920 MAXIM-MAX920 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX920 MAXIM-MAX920 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9205 MAXIM-MAX9205 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
More results

Similar Description - MAX9201

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1714 LINER-LT1714_15 Datasheet
238Kb / 16P
   Single/Dual, 7ns, Low Power
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331 Datasheet
218Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
Linear Technology
LT1713 LINER-LT1713_15 Datasheet
238Kb / 16P
   Single/Dual, 7ns, Low Power
logo
Hi-Sincerity Mocroelect...
H393P HSMC-H393P Datasheet
34Kb / 3P
   LOW POWER LOW OFFSET VOLTAGE COMPARATORS
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com