Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9202 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9202
Description  Low-Cost, 7ns, Low-Power Voltage Comparators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9202 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9202 Datasheet HTML 1Page - Maxim Integrated Products MAX9202 Datasheet HTML 2Page - Maxim Integrated Products MAX9202 Datasheet HTML 3Page - Maxim Integrated Products MAX9202 Datasheet HTML 4Page - Maxim Integrated Products MAX9202 Datasheet HTML 5Page - Maxim Integrated Products MAX9202 Datasheet HTML 6Page - Maxim Integrated Products MAX9202 Datasheet HTML 7Page - Maxim Integrated Products MAX9202 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low Cost, 7ns, Low-Power
Voltage Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VDD = +5V, GND = 0, VCM = 0, LATCH_ = logic high, TA = -40°C to +85°C. Typical values are at TA = +25°C,
unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and function-
al operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
Analog Supply Voltage (VCC - VEE) .....................................+12V
Digital Supply Voltage (VDD) .................................................+7V
Differential Input Voltage..................(VEE - 0.3V) to (VCC + 0.3V)
Common Mode Input Voltage ..........(VEE - 0.3V) to (VCC + 0.3V)
Latch Input Voltage
(MAX9202/MAX9203 only) .....................-0.3V to (VDD + 0.3V)
Output Short-Circuit Duration
To GND ......................................................................Continuous
To VDD ..................................................................................1min
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23-8 (derate 9.1mW/°C above +70°C) ...727mW/°C
8-Pin SO (derate 5.9mW/°C above +70°C).............471mW/°C
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ....727mW/°C
14-Pin SO (derate 8.3mW/°C above +70°C)...........667mW/°C
16-Pin TSSOP (derate 9.4mW/°C above +70°C) ....755mW/°C
16-Pin SO (derate 8.7mW/°C above +70°C)...........696mW/°C
Operating Temperature Range ...........................-45°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Supply Voltage Range
VCC - VEE Referenced to VEE
4.75
10.5
V
Digital Supply Voltage Range
VDD
Referenced to GND
4.75
5.25
V
TA = +25
°C1
4
Input Offset Voltage
VOS
VCM = 0,
VOUT= 1.4V
TA = -40
°C to +85°C
7.5
mV
TA = +25
°C
1.25
5
Input Bias Current
IB
IIN+ or IIN-
TA = -40
°C to +85°C
7.0
µA
TA = +25
°C50
250
Input Offset Current
IOS
VCM = 0,
VOUT = 1.4V
TA = -40
°C to +85°C
450
nA
Common-Mode Input Voltage
Range
VCM
Note 2
VEE - 0.1
VCC -
2.25
V
TA = +25
°C50
150
Common-Mode Rejection
Ratio
CMRR
-5.1V < VCM < +2.75V
VOUT = 1.4V
TA = -40
°C to +85°C
250
µV/V
TA = +25
°C50
150
Power-Supply Rejection Ratio
PSRR
Note 3
TA = -40
°C to +85°C
250
µV/V
Output High Voltage
VOH
(VIN+ - VIN-) > 250mV, ISOURCE = 1mA
3.0
3.5
V
Output Low Voltage
VOL
(VIN+ - VIN-) < -250mV, ISINK = 8mA
0.25
0.4
V
Latch Input Threshold Voltage
High
VLH
Note 4
1.4
2
V
Latch Input Threshold Voltage
Low
VLL
Note 4
0.8
1.4
V
Latch Input Current High
ILH
VLH = 3.0V, Note 4
0.5
3
µA
Latch Input Current Low
ILL
VLL = 0.3V, Note 4
0.5
3
µA
Input Capacitance
CIN
4pF
Differential Input Impedance
RIND
5M
Common-Mode Input
Impedance
RINCM
5.5
M
MAX9201
4.7
7
MAX9202
2.5
4.0
Positive Analog Supply
Current
ICC
Note 5
MAX9203
1.3
2
mA


Similar Part No. - MAX9202

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX920 MAXIM-MAX920 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX920 MAXIM-MAX920 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX920 MAXIM-MAX920 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9205 MAXIM-MAX9205 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
More results

Similar Description - MAX9202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1714 LINER-LT1714_15 Datasheet
238Kb / 16P
   Single/Dual, 7ns, Low Power
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331 Datasheet
218Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
Linear Technology
LT1713 LINER-LT1713_15 Datasheet
238Kb / 16P
   Single/Dual, 7ns, Low Power
logo
Hi-Sincerity Mocroelect...
H393P HSMC-H393P Datasheet
34Kb / 3P
   LOW POWER LOW OFFSET VOLTAGE COMPARATORS
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com