Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1275ACTC-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1275ACTC-T
Description  1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1275ACTC-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1275ACTC-T Datasheet HTML 1Page - Maxim Integrated Products MAX1275ACTC-T Datasheet HTML 2Page - Maxim Integrated Products MAX1275ACTC-T Datasheet HTML 3Page - Maxim Integrated Products MAX1275ACTC-T Datasheet HTML 4Page - Maxim Integrated Products MAX1275ACTC-T Datasheet HTML 5Page - Maxim Integrated Products MAX1275ACTC-T Datasheet HTML 6Page - Maxim Integrated Products MAX1275ACTC-T Datasheet HTML 7Page - Maxim Integrated Products MAX1275ACTC-T Datasheet HTML 8Page - Maxim Integrated Products MAX1275ACTC-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1.8Msps, Single-Supply, Low-Power,
True-Differential, 12-Bit ADCs
4
_______________________________________________________________________________________
Note 1: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the gain error and the offset
error have been nulled.
Note 2: No missing codes over temperature.
Note 3: Conversion time is defined as the number of clock cycles (16) multiplied by the clock period.
Note 4: At sample rates below 10ksps, the input full-linear bandwidth is reduced to 5kHz.
Note 5: The listed value of three SCLK cycles is given for full-speed continuous conversions. Acquisition time begins on the 14th ris-
ing edge of SCLK and terminates on the next falling edge of CNST. The IC idles in acquisition mode between conversions.
Note 6: Undersampling at the maximum signal bandwidth requires the minimum jitter spec for SINAD performance.
Note 7: Digital supply current is measured with the VIH level equal to VL, and the VIL level equal to GND.
TIMING CHARACTERISTICS
(VDD = +5V ±5%, VL = VDD, VREF = 4.096V, fSCLK = 28.8MHz, 50% duty cycle, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Pulse-Width High
tCH
VL = 1.8V to VDD
15.6
ns
SCLK Pulse-Width Low
tCL
VL = 1.8V to VDD
15.6
ns
CL = 30pF, VL = 4.75V to VDD
14
CL = 30pF, VL = 2.7V to VDD
17
SCLK Rise to DOUT Transition
tDOUT
CL = 30pF, VL = 1.8V to VDD
24
ns
DOUT Remains Valid After SCLK
tDHOLD
VL = 1.8V to VDD
4ns
CNVST Fall to SCLK Fall
tSETUP
VL = 1.8V to VDD
10
ns
CNVST Pulse Width
tCSW
VL = 1.8V to VDD
20
ns
Power-Up Time; Full Power-Down
TPWR-UP
2ms
Restart Time; Partial Power-Down
tRCV
16
Cycles
CNVST
SCLK
DOUT
tDHOLD
tDOUT
tSETUP
tCSW
tCL
tCH
Figure 1. Detailed Serial-Interface Timing
GND
6kΩ
CL
DOUT
DOUT
CL
GND
VL
a) HIGH-Z TO VOH, VOL TO VOH,
AND VOH TO HIGH-Z
b) HIGH-Z TO VOL, VOH TO VOL,
AND VOL TO HIGH-Z
6kΩ
Figure 2. Load Circuits for Enable/Disable Times


Similar Part No. - MAX1275ACTC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1275AETC+T MAXIM-MAX1275AETC+T Datasheet
843Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
More results

Similar Description - MAX1275ACTC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1274 MAXIM-MAX1274_09 Datasheet
843Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1072 MAXIM-MAX1072_09 Datasheet
876Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1072 MAXIM-MAX1072 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1076 MAXIM-MAX1076 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com