Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9202ESD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9202ESD
Description  Low-Cost, 7ns, Low-Power Voltage Comparators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9202ESD Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX9202ESD Datasheet HTML 1Page - Maxim Integrated Products MAX9202ESD Datasheet HTML 2Page - Maxim Integrated Products MAX9202ESD Datasheet HTML 3Page - Maxim Integrated Products MAX9202ESD Datasheet HTML 4Page - Maxim Integrated Products MAX9202ESD Datasheet HTML 5Page - Maxim Integrated Products MAX9202ESD Datasheet HTML 6Page - Maxim Integrated Products MAX9202ESD Datasheet HTML 7Page - Maxim Integrated Products MAX9202ESD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Applications Information
Circuit Layout
Because of the large gain-bandwidth transfer function
of the MAX9201/MAX9202/MAX9203 special precau-
tions must be taken to realize their full high-speed
capability. A printed circuit board with a good, low-
inductance ground plane is mandatory. All decoupling
capacitors (the small 100nF ceramic type is a good
choice) should be mounted as close as possible to the
power-supply pins. Separate decoupling capacitors for
analog VCC and for digital VDD are also recommended.
Close attention should be paid to the bandwidth of the
decoupling and terminating components. Short lead
lengths on the inputs and outputs are essential to avoid
unwanted parasitic feedback around the comparators.
Solder the device directly to the printed circuit board
instead of using a socket.
Input Slew-Rate Requirements
As with all high-speed comparators, the high gain-band-
width product of the MAX9201/MAX9202/ MAX9203 can
create oscillation problems when the input traverses the
linear region. For clean output switching without oscilla-
tion or steps in the output waveform, the input must meet
minimum slew-rate requirements (0.5V/s typ). Oscillation
is largely a function of board layout and of coupled
source impedance and stray input capacitance. Both
poor layout and large source impedance will cause the
part to oscillate and increase the minimum slew-rate
requirement. In some applications, it may be helpful to
apply some positive feedback between the output and
positive input. This pushes the output through the transi-
tion region clearly, but applies a hysteresis in threshold
seen at the input terminals.
TTL Output and Latch Inputs
The comparator TTL output stages are optimized for
driving low-power Schottky TTL with a fan-out of four.
When the latch is connected to a logic high level, the
comparator is transparent and immediately responds to
changes at the input terminals. When the latch is con-
nected to a TTL low level, the comparator output latch-
es (in the same state) the instant that the latch
command is applied, and will not respond to subse-
quent changes at the input. No latch is provided on
the MAX9201.
6
_______________________________________________________________________________________
Low Cost, 7ns, Low-Power
Voltage Comparators
PIN
SO
SOT
NAME
FUNCTION
18
VCC
Positive Analog Supply
2
7
IN+
Positive Input
3
6
IN-
Negative Input
45VEE
Negative Analog Supply and
Substrate
54
LATCH
Latch Input
6
3
GND
Ground
7
2
OUT
Output
81
VDD
Positive Digital Supply
Pin Description (continued)
VEE
GND
VDD
VCC
OUT
+10V
+5V
VEE
GND
VDD
VCC
OUT
+5V
VEE
GND
VDD
VCC
OUT
+5V
+5V
-5V
Typical Power-Supply Alternatives
Figure 1a. Separate Analog Supply,
Common Ground
Figure 1b. Single +5V Supply, Common
Ground
Figure 1c. Split ±5V Supply, Separate
Ground
MAX9203


Similar Part No. - MAX9202ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX920 MAXIM-MAX920 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX920 MAXIM-MAX920 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX920 MAXIM-MAX920 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9205 MAXIM-MAX9205 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
More results

Similar Description - MAX9202ESD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1714 LINER-LT1714_15 Datasheet
238Kb / 16P
   Single/Dual, 7ns, Low Power
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331 Datasheet
218Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
Linear Technology
LT1713 LINER-LT1713_15 Datasheet
238Kb / 16P
   Single/Dual, 7ns, Low Power
logo
Hi-Sincerity Mocroelect...
H393P HSMC-H393P Datasheet
34Kb / 3P
   LOW POWER LOW OFFSET VOLTAGE COMPARATORS
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com