Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2224 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2224
Description  High Efficiency 2MHz PWM Buck Converter with DAC Input and 40mOHM Bypass Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2224 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2224 Datasheet HTML 1Page - Micrel Semiconductor MIC2224 Datasheet HTML 2Page - Micrel Semiconductor MIC2224 Datasheet HTML 3Page - Micrel Semiconductor MIC2224 Datasheet HTML 4Page - Micrel Semiconductor MIC2224 Datasheet HTML 5Page - Micrel Semiconductor MIC2224 Datasheet HTML 6Page - Micrel Semiconductor MIC2224 Datasheet HTML 7Page - Micrel Semiconductor MIC2224 Datasheet HTML 8Page - Micrel Semiconductor MIC2224 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC2224
High Efficiency 2MHz PWM Buck
Converter with DAC Input and 40m
Bypass Switch
Preliminary
Micrel, Inc. • 2180 Fortune Drive • San Jose, Ca 95131 • USA • tel +1 (408) 944-0800 • fax +1 (408) 474-1000 • http://www.micrel.com
2005January 2005
M9999-012705
www.micrel@micrel.com
General Description
The MIC2224 is a high efficiency 2MHz PWM
synchronous buck switching regulator optimized for
powering 2.5G and 3G CDMA RF Power Amplifiers.
The output voltage of MIC2224 can be dynamically
adjusted with an external DAC to maximize PA
efficiency versus required output power.
When the
PA requires the highest power, the DAC can be
used to enable a low on-resistance, 40m
Ω, bypass
switch that powers the PA directly from the battery.
The 2MHz PWM operation of MIC2224 allows the
smallest possible components.
It also allows the
device to easily meet stringent W-CDMA VOUT
response specifications.
The MIC2224 operates from a 2.7V to 5.5V input,
making it ideal for single cell Li-Ion applications.
The device features built-in power MOSFETs that
can supply up to 600mA of output current in PWM
mode, or over 1A in bypass mode. The MIC2224
can operate with a maximum duty cycle of 100% for
use in low-dropout conditions.
The MIC2224 has a junction temperature range of
–40
°C to +125°C and is available in a 3mm x 3mm
MLF
TM-10L package.
Features
2.7V to 5.5V input voltage range
DAC-adjustable output voltage down to 0.3V
600mA output current in PWM mode
Internally protected 40m
Ω bypass switch
Allows direct connection of battery to
load
Over 95% efficient
Fully integrated MOSFET switches
Constant 2MHz PWM operation
Internal soft-start
1% line and load regulation
<1
µA shutdown current
Under-voltage lockout
Thermal shutdown and current limit
protection
–40
°C to +125°C junction temperature range
Applications:
Cellular phones
PDAs
____________________________________________________________________________________________________
Typical Application
MIC2224
VIN
AVIN
ENABLE
DAC
DAC
V
IN 2.6V to 5.5V
GND
GND
V
OUT
C1
1µF
C2
1µF
L1
4.7µH
AGND
PGND
VOUT
SW
2, 3
5
4
6
710
8, 9
1
2MHz PWM Converter with DAC input and 40mBypass Switch


Similar Part No. - MIC2224

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2224YML MICREL-MIC2224YML Datasheet
388Kb / 13P
   High Efficiency 2MHz PWM Buck Converter with DAC Input and 40m廓 Bypass Switch
MIC2224 MICREL-MIC2224_06 Datasheet
388Kb / 13P
   High Efficiency 2MHz PWM Buck Converter with DAC Input and 40m廓 Bypass Switch
More results

Similar Description - MIC2224

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2224 MICREL-MIC2224_06 Datasheet
388Kb / 13P
   High Efficiency 2MHz PWM Buck Converter with DAC Input and 40m廓 Bypass Switch
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
   1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
Micrel Semiconductor
MIC2204 MICREL-MIC2204_05 Datasheet
155Kb / 11P
   High-Efficiency 2MHz Synchronous Buck Converter
MIC2202 MICREL-MIC2202 Datasheet
182Kb / 18P
   HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
MIC2204 MICREL-MIC2204 Datasheet
112Kb / 11P
   High-Efficiency 2MHz Synchronous Buck Converter
MIC2202 MICREL-MIC2202_07 Datasheet
571Kb / 19P
   High Efficiency 2MHz Synchronous Buck Converter 1關F Stable PWM Regulator
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
logo
Micrel Semiconductor
MIC2807 MICREL-MIC2807_08 Datasheet
437Kb / 18P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
   2MHz PWM 2A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com