Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2224 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2224
Description  High Efficiency 2MHz PWM Buck Converter with DAC Input and 40mOHM Bypass Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2224 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2224 Datasheet HTML 1Page - Micrel Semiconductor MIC2224 Datasheet HTML 2Page - Micrel Semiconductor MIC2224 Datasheet HTML 3Page - Micrel Semiconductor MIC2224 Datasheet HTML 4Page - Micrel Semiconductor MIC2224 Datasheet HTML 5Page - Micrel Semiconductor MIC2224 Datasheet HTML 6Page - Micrel Semiconductor MIC2224 Datasheet HTML 7Page - Micrel Semiconductor MIC2224 Datasheet HTML 8Page - Micrel Semiconductor MIC2224 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel
MIC2224
January 2005
4
M9999-012705
www.micrel.com
Parameter
Condition
Min
Typ
Max
Units
Bypass Switch
Bypass Switch Threshold
DAC Voltage required to enable bypass mode
1.176
1.2
1.224
V
Bypass Switch Hysteresis
35
mV
Bypass Transition Time
Delay from VDAC = 1.2V to VOUT = 0.90VIN
10
µs
Bypass Switch On-Resistance
VIN = 3.0V, IBYPASS = 100mA
40
m
Bypass Switch Leakage
VDAC < 1.2V
5
µA
Bypass Over-Current Limit
1
1.4
2.5
A
Current Limit Retry Time
32
µs
Current Limit Retry Duty Cycle
12.5
%
Over Temperature Shutdown
Shutdown Temperature
160
°C
Over Temperature Shutdown
Hysteresis
20
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model: 1.5k
Ω in series with 100pF.
4. Specification for packaged product only.


Similar Part No. - MIC2224

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2224YML MICREL-MIC2224YML Datasheet
388Kb / 13P
   High Efficiency 2MHz PWM Buck Converter with DAC Input and 40m廓 Bypass Switch
MIC2224 MICREL-MIC2224_06 Datasheet
388Kb / 13P
   High Efficiency 2MHz PWM Buck Converter with DAC Input and 40m廓 Bypass Switch
More results

Similar Description - MIC2224

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2224 MICREL-MIC2224_06 Datasheet
388Kb / 13P
   High Efficiency 2MHz PWM Buck Converter with DAC Input and 40m廓 Bypass Switch
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
   1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
Micrel Semiconductor
MIC2204 MICREL-MIC2204_05 Datasheet
155Kb / 11P
   High-Efficiency 2MHz Synchronous Buck Converter
MIC2202 MICREL-MIC2202 Datasheet
182Kb / 18P
   HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
MIC2204 MICREL-MIC2204 Datasheet
112Kb / 11P
   High-Efficiency 2MHz Synchronous Buck Converter
MIC2202 MICREL-MIC2202_07 Datasheet
571Kb / 19P
   High Efficiency 2MHz Synchronous Buck Converter 1關F Stable PWM Regulator
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
logo
Micrel Semiconductor
MIC2807 MICREL-MIC2807_08 Datasheet
437Kb / 18P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
   2MHz PWM 2A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com