Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2069-01GI Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # MK2069-01GI
Description  VCXO-Based Line Card Clock Synchronizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2069-01GI Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button MK2069-01GI Datasheet HTML 6Page - Integrated Circuit Systems MK2069-01GI Datasheet HTML 7Page - Integrated Circuit Systems MK2069-01GI Datasheet HTML 8Page - Integrated Circuit Systems MK2069-01GI Datasheet HTML 9Page - Integrated Circuit Systems MK2069-01GI Datasheet HTML 10Page - Integrated Circuit Systems MK2069-01GI Datasheet HTML 11Page - Integrated Circuit Systems MK2069-01GI Datasheet HTML 12Page - Integrated Circuit Systems MK2069-01GI Datasheet HTML 13Page - Integrated Circuit Systems MK2069-01GI Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Line Card Clock Synchronizer
MDS 2069-01 H
10
Revision 050203
Integr ated Circuit System s l 525 Ra ce Stree t , Sa n Jose, CA 951 26 l te l (4 08) 295 -9 800 l
www.icst.com
MK2069-01
Under ideal conditions, where the VCXO is phase-
locked to a low-jitter reference input, loop phase error is
typically maintained to within a few nanoseconds.
Lock Detection Circuit Diagram
If the lock detection circuit is not used, the LDR output
may remain unconnected, however the LDC input
should be tied high or low. If the PCB was designed to
accommodate the RLD and CLD components but the
LD output will not be used, RLD can remain unstuffed
and CLD can be replaced with a resistor (< 10 kohm).
Power Supply Considerations
As with any integrated clock device, the MK2069-01
has a special set of power supply requirements:
The feed from the system power supply must be
filtered for noise that can cause output clock jitter.
Power supply noise sources include the system
switching power supply or other system components.
The noise can interfere with device PLL components
such as the VCO or phase detector.
Each VDD pin must be decoupled individually to
prevent power supply noise generated by one device
circuit block from interfering with another circuit
block.
Clock noise from device VDD pins must not get onto
the PCB power plane or system EMI problems may
result.
This above set of requirements is served by the circuit
illustrated in the Recommended Power Supply
Connection (next page). The main features of this
circuit are as follows:
Only one connection is made to the PCB power
plane.
The capacitors and ferrite chip (or ferrite bead) on
the common device supply form a lowpass ‘pi’ filter
that remove noise from the power supply as well as
clock noise back toward the supply. The bulk
capacitor should be a tantalum type, 1
µF minimum.
The other capacitors should be ceramic type.
The power supply traces to the individual VDD pins
should fan out at the common supply filter to reduce
interaction between the device circuit blocks.
The decoupling capacitors at the VDD pins should be
ceramic type and should be as close to the VDD pin
as possible. There should be no via’s between the
decoupling capacitor and the supply pin.
Lo c k D e te c tio n C irc uit
Lo c k
Q u a lific a tio n
C ounte r
(8 up , 1 dow n)
VC XO
Ph a s e
De te c to r
Erro r
Ou tp u t
LD
LD C
LD R
RL D
CL D
R ESET
FV
Div id e r
Ou tp u t
OE L
Input Th re s hold
s e t to V D D /2


Similar Part No. - MK2069-01GI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2069-01GILF RENESAS-MK2069-01GILF Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
MK2069-01GILFTR RENESAS-MK2069-01GILFTR Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
More results

Similar Description - MK2069-01GI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2069-01 RENESAS-MK2069-01 Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
MK2069-04 RENESAS-MK2069-04 Datasheet
392Kb / 21P
   VCXO-BASED UNIVERSAL CLOCK TRANSLATOR
051310
logo
Integrated Circuit Syst...
MK2069-04 ICST-MK2069-04 Datasheet
355Kb / 19P
   VCXO-Based Universal Clock Translator
MK2059-01 ICST-MK2059-01 Datasheet
151Kb / 10P
   VCXO-Based Frame Clock Frequency Translator
logo
Renesas Technology Corp
MK2059-01 RENESAS-MK2059-01 Datasheet
465Kb / 12P
   VCXO-BASED FRAME CLOCK FREQUENCY TRANSLATOR
051310
logo
Zarlink Semiconductor I...
ZL30107 ZARLINK-ZL30107 Datasheet
185Kb / 6P
   GbE Line Card Synchronizer
logo
Integrated Device Techn...
MK2069-03 IDT-MK2069-03 Datasheet
397Kb / 21P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
Integrated Circuit Syst...
MK2069-03 ICST-MK2069-03 Datasheet
339Kb / 19P
   VCXO-Based Clock Translator with High Multiplication
logo
Renesas Technology Corp
MK2069-03 RENESAS-MK2069-03 Datasheet
388Kb / 22P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
logo
Zarlink Semiconductor I...
ZL30119 ZARLINK-ZL30119 Datasheet
289Kb / 27P
   Low Jitter Line Card Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com