Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ30390L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MAZ30390L
Description  Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ30390L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MAZ30390L Datasheet HTML 1Page - Panasonic Semiconductor MAZ30390L Datasheet HTML 2Page - Panasonic Semiconductor MAZ30390L Datasheet HTML 3Page - Panasonic Semiconductor MAZ30390L Datasheet HTML 4Page - Panasonic Semiconductor MAZ30390L Datasheet HTML 5Page - Panasonic Semiconductor MAZ30390L Datasheet HTML 6Page - Panasonic Semiconductor MAZ30390L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAZ3000 Series
SKE00003BED
2
MAZ3020
1.88
2.0
2.12
0.5 120

5
100
 −3.5 −1.5 0

MAZ3022
2.08
2.2
2.32
0.7 120

5
100
 −3.5 −1.5 0

MAZ3024
2.28
2.4
2.60
1
120

5
100
 −3.5 −1.6 0

MAZ3027
2.50
2.7
2.90
MAZ30270L
2.50
2.6
2.75
1
120

5
110
 −3.5 −2.0 0

MAZ30270H
2.65
2.8
2.90
MAZ3030
2.80
3.0
3.20
MAZ30300L
2.80
2.9
3.05
1
50

5
120
 −3.5 −2.1 0

MAZ30300H
2.95
3.1
3.20
MAZ3033
3.10
3.3
3.50
MAZ30330L
3.10
3.2
3.35
1
20

5
130
 −3.5 −2.4 0

MAZ30330H
3.25
3.4
3.50
MAZ3036
3.40
3.6
3.80
MAZ30360L
3.40
3.5
3.65
1
10

5
130
 −3.5 −2.4 0

MAZ30360H
3.55
3.7
3.80
MAZ3039
3.70
3.9
4.10
MAZ30390L
3.70
3.8
3.97
1
10

5
130
 −3.5 −2.5 0

MAZ30390H
3.87
4.0
4.10
MAZ3043
4.00
4.3
4.60
MAZ30430L
4.03
4.1
4.26
110

5
130
 −3.5 −2.5 0

MAZ30430M
4.17
4.3
4.40
MAZ30430H
4.31
4.4
4.54
MAZ3047
4.4
4.7
5.0
MAZ30470L
4.45
4.6
4.69
13
 50 80
1
900
−3.5 −1.4 0.2 130 180
MAZ30470M
4.59
4.7
4.83
MAZ30470H
4.74
4.9
4.99
MAZ3051
4.8
5.1
5.4
MAZ30510L
4.87
5.0
5.12
22
 40 60
1
800
−2.7 −0.8 1.2 110 160
MAZ30510M
5.0
5.1
5.26
MAZ30510H
5.14
5.3
5.4
MAZ3056
5.3
5.6
6.0
MAZ30560L
5.3
5.4
5.58
21
 15 40
1
500
−2 1.2 2.5 95 140
MAZ30560M
5.48
5.6
5.76
MAZ30560H
5.66
5.8
5.95
MAZ3062
5.8
6.2
6.6
5.3
MAZ30620L
5.85
6.0
6.15
43
5.3
60
6
20
0.5 300 0.4 2.3 3.7
90 130
MAZ30620M
6.05
6.2
6.36
5.5
MAZ30620H
6.24
6.4
6.56
5.7
MAZ3068
6.4
6.8
7.2
5.9
MAZ30680L
6.44
6.6
6.77
42
5.9
60
6
15
0.5 140 1.2
3
4.5
85 110
MAZ30680M
6.64
6.8
6.98
6.1
MAZ30680H
6.85
7.0
7.2
6.3
MAZ3075
7.0
7.5
7.9
6.5
MAZ30750L
7.07
7.3
7.43
51
6.5
60
6
15
0.5 120 2.5
4
5.3
80 100
MAZ30750M
7.29
7.5
7.67
6.7
MAZ30750H
7.51
7.7
7.89
7.0
MAZ3082
7.7
8.2
8.7
7.2
MAZ30820L
7.77
7.9
8.17
5
0.5
7.2
60
6
15
0.5 120 3.2 4.6 6.2
75
95
MAZ30820M
8.03
8.2
8.43
7.5
MAZ30820H
8.29
8.5
8.7
7.7
s Electrical characteristics within part numbers T
a = 25°C
• V
Z = 2.0 V to 8.2 V (IZ = 5 mA)
2.0
2.2
2.4
2.7L or 2.7H
2.7L
2.7H
3.0L or 3.0H
3.0L
3.0H
3.3L or 3.3H
3.3L
3.3H
3.6L or 3.6H
3.6L
3.6H
3.9L or 3.9H
3.9L
3.9H
4.3L or 4.3M or 4.3H
4.3L
4.3M
4.3H
4.7L or 4.7M or 4.7H
4.7L
4.7M
4.7H
5.1L or 5.1M or 5.1H
5.1L
5.1M
5.1H
5.6L or 5.6M or 5.6H
5.6L
5.6M
5.6H
6.2L or 6.2M or 6.2H
6.2L
6.2M
6.2H
6.8L or 6.8M or 6.8H
6.8L
6.8M
6.8H
7.5L or 7.5M or 7.5H
7.5L
7.5M
7.5H
8.2L or 8.2M or 8.2H
8.2L
8.2M
8.2H
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
Part number
Zener voltage
VZ (V)
IR1 (µA) IR2 (µA)
RZ (Ω)RZK (Ω)SZ (mV/°C)
IZ = 5 mA
VR
VR
IZ = 5 mA IZ
IZ = 5 mA
Min Nom
Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
Temperature
coefficient of
zener voltage
Terminal
capacitance
Marking symbol
Zener operating
resistance
Reverse current


Similar Part No. - MAZ30390L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ30390L PANASONIC-MAZ30390L Datasheet
108Kb / 7P
   Zener Diodes Silicon planar type
More results

Similar Description - MAZ30390L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com