Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN54ABT64 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MN54ABT64
Description  MN54ABT646-X REV 0B0
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MN54ABT64 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MN54ABT64 Datasheet HTML 1Page - National Semiconductor (TI) MN54ABT64 Datasheet HTML 2Page - National Semiconductor (TI) MN54ABT64 Datasheet HTML 3Page - National Semiconductor (TI) MN54ABT64 Datasheet HTML 4Page - National Semiconductor (TI) MN54ABT64 Datasheet HTML 5Page - National Semiconductor (TI) MN54ABT64 Datasheet HTML 6Page - National Semiconductor (TI) MN54ABT64 Datasheet HTML 7Page - National Semiconductor (TI) MN54ABT64 Datasheet HTML 8Page - National Semiconductor (TI) MN54ABT64 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MICROCIRCUIT DATA SHEET
MN54ABT646-X REV 0B0
Features
-
Independent registers for A and B buses.
-
Multiplexed real-time and stored data.
-
A and B output sink capability of 48 mA, source capability of 24 mA
-
Guaranteed latchup protection
-
High impedance glitch free bus loading during entire power up and power down cycle.
-
Non-Destructive hot insertion capability.
-
SMD : 5962-9457701Q3A*, QLA**, QKA***
2


Similar Part No. - MN54ABT64

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54ABT646-X NSC-MN54ABT646-X Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - MN54ABT64

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54ABT244 NSC-MN54ABT244 Datasheet
206Kb / 13P
   MN54ABT244-X REV 0B0
MN54AC2525-X NSC-MN54AC2525-X Datasheet
15Kb / 6P
   MN54AC2525-X REV 1B0
MNDS7820A NSC-MNDS7820A Datasheet
143Kb / 9P
   MNDS7820A-X REV 0A0
logo
Tyco Electronics
SR6DM MACOM-SR6DM Datasheet
170Kb / 2P
   Rev. EK1
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
   Rev. C
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164 Datasheet
172Kb / 13P
   Rev. 1.2 8K X 8 BIT HIGH SPEED CMOS SRAM
logo
PEAK Plastic & Metal Pr...
ND28283.503086 PEAK_Inc-ND28283.503086 Datasheet
148Kb / 2P
   ND28283.503086 REV,B
logo
Freescale Semiconductor...
MC68HC05PV8 FREESCALE-MC68HC05PV8 Datasheet
1Mb / 196P
   Techinal Data - rev 1.9
logo
ERNI Electronics
324264 ERNI-324264 Datasheet
88Kb / 1P
   ERbic vertical rev. Profibus
logo
Silicon Laboratories
SI4320-J1-FTR SILABS-SI4320-J1-FTR Datasheet
368Kb / 15P
   Si4x3x Errata (rev. B)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com