Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1227 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # MM1227
Description  2-Input 1-Output Video Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MM1227 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  MM1227 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MM1227 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MM1227 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MM1227 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MM1227 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MM1227 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MM1227 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MITSUMI
2-Input 1-Output Video Switch (75
Ω driver)/3-Input 1-Output Video Switch (75Ω driver) MM1221~1228
Measuring Circuit
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Ratings
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC
15
V
Allowable loss
Pd
300
mW
Electrical Characteristics (Except where noted otherwise, Ta=25°C, VCC=5.0V)
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Operating power supply voltage range
VCC
4.7
13.0
V
Consumption current
Id
Refer to Measuring Circuit
8.4
10.9
mA
Voltage gain
GV
Refer to Measuring Circuit
+5.5
+6.0
+6.5
dB
Frequency characteristic
FC
Refer to Measuring Circuit
-10
+1
dB
Differential gain
DG
Refer to Measuring Circuit
0
±3
%
Differential phase
DP
Refer to Measuring Circuit
0
±3
deg
Output offset voltage
Voff
Refer to Measuring Circuit
±30
mV
Crosstalk
CT
Refer to Measuring Circuit
-64
-54
dB
SW1 input voltage H
VIH1
Refer to Measuring Circuit
2.1
V
SW1 input voltage L
VIL1
Refer to Measuring Circuit
0.7
V
SW2 input voltage H
VIH2
Refer to Measuring Circuit
2.1
V
SW2 input voltage L
VIL2
Refer to Measuring Circuit
0.7
V


Similar Part No. - MM1227

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1227 MITSUMI-MM1227 Datasheet
95Kb / 7P
   2-Input 1-Output Video Switch (W/75OHM driver)/3-Input 1-Output Video Switch (W/75OHM driver)
More results

Similar Description - MM1227

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsumi Electronics, Co...
MM1120 MITSUMI-MM1120 Datasheet
126Kb / 5P
   2-Input 2-Output Video Switch
MM1221 MITSUMI-MM1221 Datasheet
95Kb / 7P
   2-Input 1-Output Video Switch (W/75OHM driver)/3-Input 1-Output Video Switch (W/75OHM driver)
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
   6-Input 1-Output Video Switch
logo
New Japan Radio
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
logo
Mitsumi Electronics, Co...
MM1389 MITSUMI-MM1389 Datasheet
108Kb / 7P
   Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
logo
Texas Instruments
TL52055 TI-TL52055 Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
logo
Mitsumi Electronics, Co...
MM1231 MITSUMI-MM1231 Datasheet
143Kb / 7P
   2-Input 1-Output 3-Circuit Video Switch Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com