Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MNDS7820A Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNDS7820A
Description  MNDS7820A-X REV 0A0
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNDS7820A Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MNDS7820A Datasheet HTML 1Page - National Semiconductor (TI) MNDS7820A Datasheet HTML 2Page - National Semiconductor (TI) MNDS7820A Datasheet HTML 3Page - National Semiconductor (TI) MNDS7820A Datasheet HTML 4Page - National Semiconductor (TI) MNDS7820A Datasheet HTML 5Page - National Semiconductor (TI) MNDS7820A Datasheet HTML 6Page - National Semiconductor (TI) MNDS7820A Datasheet HTML 7Page - National Semiconductor (TI) MNDS7820A Datasheet HTML 8Page - National Semiconductor (TI) MNDS7820A Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MNDS7820A-X REV 0A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETER
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcc = 5V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Voh
Logical "1"
Output Voltage
Vcc=4.5V, In-=0V, In+=1V, Strobe=4.5V,
Iout=-400uA
2.5
5.5
V
1, 2,
3
Vol
Logical "0"
Output Voltage
Vcc=4.5V, In-=1V, In+=0V, Strobe=4.5V,
Iout=16mA
0.4
V
1, 2,
3
Iil (str)
Strobe Input
Current
Vcc=5.5V, In-=3V, In+=0V, Strobe=0.4V
-1.4
mA
1, 2,
3
Iih (str)
Strobe Input
Current
Vcc=4.5V, In-=0V, In+=+3V, Strobe=5.5V
5
uA
1, 2,
3
Iin+
Non-Inverting
Input Current
Vcc=4.5V, In-=15V, In+=15V, Strobe=0V
7
mA
1, 2,
3
Vcc=5.5V, In-=0V, In+=0V, Strobe=0V
-1.6
mA
1, 2,
3
Vcc=5.5V, In-=-15V, In+=-15V,
Strobe=0V
-9.8
mA
1, 2,
3
Iin-
Inverting Input
Current
Vcc=4.5V, In-=15V, In+=15V, Strobe=0V
4.2
mA
1, 2,
3
Vcc=5.5V, In-=0V, In+=0V, Strobe=5.5V
-0.5
mA
1, 2,
3
Vcc=5.5V, In-=-15V, In+=-15V,
Strobe=5.5V
-4.2
mA
1, 2,
3
Ios
Short Circuit
Current
Vcc=5.5V, In-=0V, In+=3V, Strobe=0V,
Vout=0V
2
-2.8
-6.7
mA
1, 2,
3
Icc
Power Supply
Current (Total of
Both Receivers)
Vcc=5.5V, In-=15.5V, In+=14.5V,
Strobe=5V
12
mA
1, 2,
3
Vcc=5.5V, In-=-14.5V, In+=-15.5V,
Strobe=5V
28
mA
1, 2,
3
Vcc=5.5V, In-=0.5V, In+=0V, Strobe=5V
20.4
mA
1, 2,
3
Rterm
Line Termination
Resistance
Vcc=5V, In+= 0V, Iterm=1mA,
(1mV=1 Ohm)
120
250
Ohm
1, 2,
3
Rin+
Non-Inverting
Input Resistance
Vcc=5V, 1mA < Iin+ < 2mA, Iin-=0V
1.8
KOhm
1, 2,
3
Rin-
Inverting Input
Resistance
Vcc=5V, 1mA < Iin- < 2mA, Iin+=0V
3.6
KOhm
1, 2,
3
Vsh
Strobe Input
Voltage
Vcc=5.5V, Iout=+16mA, Vout <0.4V
1
2.1
V
1, 2,
3
Vsl
Strobe Input
Voltage
Vcc=5.5V, Iout =-400uA, Vout > 2.5V
1
0.9
V
1, 2,
3
4


Similar Part No. - MNDS7820A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNDS26C31M-X NSC-MNDS26C31M-X Datasheet
350Kb / 15P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
MNDS26F32M-X-RH NSC-MNDS26F32M-X-RH Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
MNDS26F32ME/883 NSC-MNDS26F32ME/883 Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
MNDS26F32MER-QML NSC-MNDS26F32MER-QML Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
MNDS26F32MJ-QMLV NSC-MNDS26F32MJ-QMLV Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
More results

Similar Description - MNDS7820A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54AC2525-X NSC-MN54AC2525-X Datasheet
15Kb / 6P
   MN54AC2525-X REV 1B0
MN54ABT64 NSC-MN54ABT64 Datasheet
18Kb / 9P
   MN54ABT646-X REV 0B0
MN54ABT244 NSC-MN54ABT244 Datasheet
206Kb / 13P
   MN54ABT244-X REV 0B0
logo
Tyco Electronics
SR6DM MACOM-SR6DM Datasheet
170Kb / 2P
   Rev. EK1
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
   Rev. C
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164 Datasheet
172Kb / 13P
   Rev. 1.2 8K X 8 BIT HIGH SPEED CMOS SRAM
logo
PEAK Plastic & Metal Pr...
ND28283.503086 PEAK_Inc-ND28283.503086 Datasheet
148Kb / 2P
   ND28283.503086 REV,B
logo
Freescale Semiconductor...
MC68HC05PV8 FREESCALE-MC68HC05PV8 Datasheet
1Mb / 196P
   Techinal Data - rev 1.9
logo
ERNI Electronics
324264 ERNI-324264 Datasheet
88Kb / 1P
   ERbic vertical rev. Profibus
logo
Silicon Laboratories
SI4320-J1-FTR SILABS-SI4320-J1-FTR Datasheet
368Kb / 15P
   Si4x3x Errata (rev. B)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com