Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURB1020CT Datasheet(PDF) 3 Page - International Rectifier

Part # MURB1020CT
Description  Ultrafast Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MURB1020CT Datasheet(HTML) 3 Page - International Rectifier

  MURB1020CT Datasheet HTML 1Page - International Rectifier MURB1020CT Datasheet HTML 2Page - International Rectifier MURB1020CT Datasheet HTML 3Page - International Rectifier MURB1020CT Datasheet HTML 4Page - International Rectifier MURB1020CT Datasheet HTML 5Page - International Rectifier MURB1020CT Datasheet HTML 6Page - International Rectifier MURB1020CT Datasheet HTML 7Page - International Rectifier MURB1020CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bulletin PD-20738 rev. B 12/03
3
MUR1020CT, MURB1020CT, MURB1020CT-1
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage
Fig. 1 - Typical Forward Voltage Drop Characteristics
Reverse Voltage-V
R (V)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Forward Voltage Drop-V
FM(V)
Reverse Voltage-V
R(V)
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
t1,Rectangular Pulse Duration (Seconds)
0.0001
0.001
0.01
0.1
1
10
100
0
40
80
120
160
200
125˚C
100˚C
25˚C
T = 175˚C
150˚C
J
1
10
100
1
10
100
1000
T = 25˚C
J
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
T = 175˚C
T = 125˚C
T = 25˚C
J
J
J
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
2
t
1
t
P
DM
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc


Similar Part No. - MURB1020CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB1020CT VISHAY-MURB1020CT Datasheet
124Kb / 7P
   Ultrafast Rectifier, 2 x 5 A FRED PtTM
Revision: 28-Jul-08
logo
GOOD-ARK Electronics
MURB1020CT GOOD-ARK-MURB1020CT Datasheet
488Kb / 7P
   Product Specification
logo
Zibo Seno Electronic En...
MURB1020CT ZSELEC-MURB1020CT Datasheet
232Kb / 2P
   10.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
MURB1020CT THINKISEMI-MURB1020CT Datasheet
758Kb / 2P
   10.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
MURB1020CT THINKISEMI-MURB1020CT Datasheet
377Kb / 2P
   10.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
More results

Similar Description - MURB1020CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com