Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGA-486 Datasheet(PDF) 1 Page - Stanford Microdevices

Part # NGA-486
Description  DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

NGA-486 Datasheet(HTML) 1 Page - Stanford Microdevices

  NGA-486 Datasheet HTML 1Page - Stanford Microdevices NGA-486 Datasheet HTML 2Page - Stanford Microdevices NGA-486 Datasheet HTML 3Page - Stanford Microdevices NGA-486 Datasheet HTML 4Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions.
Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are
subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not
authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems.
Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
1
Product Description
EDS-101104 Rev. D
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
726 Palomar Ave., Sunnyvale, CA 94085
NGA-486
DC-5 GHz, Cascadable
InGaP/GaAs HBT MMIC Amplifier
Product Features
• High Gain : 14.1 dB at 1950 MHz
• Cascadable 50 Ohm
• Patented InGaP Technology
• Operates From Single Supply
• Low Thermal Resistance Package
Stanford Microdevices’ NGA-486 is a high performance InGaP/
GaAs Heterojunction Bipolar Transistor MMIC Amplifier. A
Darlington configuration designed with InGaP process
technology provides broadband performance up to 5 GHz with
excellent thermal perfomance. The heterojunction increases
breakdown voltage and minimizes leakage current between
junctions. Cancellation of emitter junction non-linearities results
in higher suppression of intermodulation products. At 850 Mhz
and 80mA , the NGA-486 typically provides +39.5 dBm output
IP3, 14.8 dB of gain, and +19 dBm of 1dB compressed power
using a single positive voltage supply. Only 2 DC-blocking
capacitors, a bias resistor and an optional RF choke are required
for operation.
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
s
ti
n
U
y
c
n
e
u
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
Gn
i
a
G
l
a
n
g
i
S
ll
a
m
S
B
d
B
d
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
3
.
3
18
.
4
1
1
.
4
1
5
.
3
1
3
.
6
1
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
O
m
B
d
m
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
0
.
9
1
2
.
8
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
t
u
p
t
u
O
)
m
B
d
0
=
e
n
o
t
r
e
p
t
u
o
r
e
w
o
P
(
m
B
d
m
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
5
.
9
3
0
.
4
3
h
t
d
i
w
d
n
a
B
)
B
d
0
1
-
<
(
s
s
o
L
n
r
u
t
e
R
y
b
d
e
n
i
m
r
e
t
e
Dz
H
M0
0
0
5
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
dz
H
M
0
5
9
15
.
4
1
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
dz
H
M
0
5
9
15
.
5
1
F
Ne
r
u
g
i
F
e
s
i
o
NB
dz
H
M
0
5
9
10
.
4
V
D
e
g
a
tl
o
V
e
c
i
v
e
DV
5
.
48
.
42
.
5
R
h
T
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TW
/
C
°5
4
1
Test Conditions:
V
S = 8 V
I
D = 80 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 39 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
Applications
• Cellular, PCS, CDPD
• Wireless Data, SONET
• Satellite
Gain & Return Loss vs. Freq. @TL=+25°C
0
4
8
12
16
01
234
56
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
ORL


Similar Part No. - NGA-486

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
More results

Similar Description - NGA-486

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5086 SIRENZA-SBA-5086 Datasheet
284Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-4086 SIRENZA-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-4089 SIRENZA-SBA-4089 Datasheet
314Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4089 ETC-SBA-4089 Datasheet
685Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBW-5089 SIRENZA-SBW-5089 Datasheet
463Kb / 7P
   DC-8 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
NGA-589 SIRENZA-NGA-589 Datasheet
414Kb / 5P
   DC-5.5 GHZ, CASCADABLE INGAP/GAAS HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com