Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGA-486 Datasheet(PDF) 3 Page - Stanford Microdevices

Part # NGA-486
Description  DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

NGA-486 Datasheet(HTML) 3 Page - Stanford Microdevices

  NGA-486 Datasheet HTML 1Page - Stanford Microdevices NGA-486 Datasheet HTML 2Page - Stanford Microdevices NGA-486 Datasheet HTML 3Page - Stanford Microdevices NGA-486 Datasheet HTML 4Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
EDS-101104 Rev. D
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
726 Palomar Ave., Sunnyvale, CA 94085
Preliminary
NGA-486 DC-5 GHz Cascadable MMIC Amplifier
-30
-25
-20
-15
-10
-5
0123
45
6
Frequency (GHz)
+25°C
-40°C
+85°C
-35
-30
-25
-20
-15
-10
-5
01
23
4
5
6
Frequency (GHz)
+25°C
-40°C
+85°C
0
3
6
9
12
15
18
012
34
56
Frequency (GHz)
+25°C
-40°C
+85°C
-35
-30
-25
-20
-15
-10
-5
01
23
4
5
6
Frequency (GHz)
+25°C
-40°C
+85°C
S
12 vs. Frequency
V
D= 4.8 V, ID= 80 mA
S
22 vs. Frequency
V
D= 4.8 V, ID= 80 mA
T
L
T
L
T
L
T
L
* Note: In the applications circuit on page 4, R
BIAS compensates for voltage and current variation over temperature.
S
11 vs. Frequency
V
D= 4.8 V, ID= 80 mA
S
21 vs. Frequency
V
D= 4.8 V, ID= 80 mA
V
D vs. Temperature for Constant ID = 80 mA
V
D vs. ID over Temperature for fixed
V
S= 8 V, RBIAS= 39 Ohms *
65
70
75
80
85
90
95
4.6
4.7
4.8
4.9
5.0
VD(Volts)
+85°C
-40°C
+25°C
4.4
4.6
4.8
5.0
5.2
5.4
-40
-15
10
35
60
85
Temperature (°C)


Similar Part No. - NGA-486

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
More results

Similar Description - NGA-486

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5086 SIRENZA-SBA-5086 Datasheet
284Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-4086 SIRENZA-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-4089 SIRENZA-SBA-4089 Datasheet
314Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4089 ETC-SBA-4089 Datasheet
685Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBW-5089 SIRENZA-SBW-5089 Datasheet
463Kb / 7P
   DC-8 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
NGA-589 SIRENZA-NGA-589 Datasheet
414Kb / 5P
   DC-5.5 GHZ, CASCADABLE INGAP/GAAS HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com