Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8986AL Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MT8986AL
Description  CMOS ST-BUS Family Multiple Rate Digital Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT8986AL Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MT8986AL Datasheet HTML 1Page - Toshiba Semiconductor MT8986AL Datasheet HTML 2Page - Toshiba Semiconductor MT8986AL Datasheet HTML 3Page - Toshiba Semiconductor MT8986AL Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MT3S35T
2
2002-08-19
Microwave Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Transition Frequency
fT
VCE=3V, IC=10mA, f=2GHz
16
20
-
GHz
|S21e|
2(1)
VCE=3V, IC=10mA, f=1GHz
16
18
-
dB
Insertion Gain
|S21e|
2(2)
VCE=3V, IC=10mA, f=2GHz
11
13
-
dB
NF(1)
VCE=3V, IC=2mA, f=1GHz
-
1.1
-
dB
Noise Figure
NF(2)
VCE=3V, IC=2mA, f=2GHz
-
1.4
1.9
dB
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector Cut-off Current
ICBO
VCB=8V, IE=0
-
-
1
µA
Emitter Cut-off Current
IEBO
VEB=1V, IC=0
-
-
1
µA
DC Current Gain
hFE
VCE=3V, IC=10mA
70
-
140
-
Output Capacitance
Cob
VCB=1V, IE=0, f=1MHz
-
0.46
0.75
pF
Reverse Transistor Capacitance
Cre
VCB=1V, IE=0, f=1MHz (Note 1)
-
0.21
0.4
pF
Note 1:
Cre is measured by 3 terminal method with capacitance bridge.
Caution:
This device is sensitive to electrostatic discharge.
Please make enough tool and equipment earthed when you handle.


Similar Part No. - MT8986AL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8986AL MITEL-MT8986AL Datasheet
448Kb / 38P
   CMOS ST-BUS??FAMILY Multiple Rate Digital Switch
More results

Similar Description - MT8986AL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8986 MITEL-MT8986 Datasheet
448Kb / 38P
   CMOS ST-BUS??FAMILY Multiple Rate Digital Switch
MT89L86 MITEL-MT89L86 Datasheet
173Kb / 40P
   CMOS ST-BUS??FAMILY Multiple Rate Digital Switch
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com