Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LPT16827 Datasheet(PDF) 4 Page - Recom International Power

Part # PI74LPT16827
Description  Fast CMOS 3.3V 20-Bit Buffers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

PI74LPT16827 Datasheet(HTML) 4 Page - Recom International Power

  PI74LPT16827 Datasheet HTML 1Page - Recom International Power PI74LPT16827 Datasheet HTML 2Page - Recom International Power PI74LPT16827 Datasheet HTML 3Page - Recom International Power PI74LPT16827 Datasheet HTML 4Page - Recom International Power PI74LPT16827 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PI74LPT16827
3.3V 20-BIT BUFFERS
4
PS2075A 01/16/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Power Supply Characteristics
Parameters Description
Test Conditions
(1)
Min.
Typ
(2)
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max.
VIN = GND or VCC
0.1
10
µA
∆ICC
Quiescent Power Supply Current
VCC = Max.
VIN = VCC – 0.6V(3)
2.0
30
µA
TTL Inputs HIGH
ICCD
Dynamic Power Supply
(4)
VCC = Max.,
VIN = VCC
50
75
µA/
Outputs Open
VIN = GND
MHz
X
OE = GND
One Bit Toggling
50% Duty Cycle
IC
Total Power Supply
VCC = Max.,
VIN = VCC – 0.6V
0.6
2.3
mA
Current
(6)
Outputs Open
VIN = GND
fI = 10 MHZ
50% Duty Cycle
X
OE = GND
One Bit Toggling
VCC = Max.,
VIN = VCC – 0.6V
2.1
4.7
(5)
Outputs Open
VIN = GND
fI = 2.5 MHZ
50% Duty Cycle
X
OE = GND
16 Bits Toggling
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 3.3V, +25°C ambient.
3. Per TTL driven input; all other inputs at Vcc or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the Icc formula. These limits are guaranteed but not tested.
6. IC =IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fINI)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fI = Input Frequency
NI = Number of Inputs at fI
All currents are in milliamps and all frequencies are in megahertz.


Similar Part No. - PI74LPT16827

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244AAE PERICOM-PI74LPT16244AAE Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244AE PERICOM-PI74LPT16244AE Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244CAE PERICOM-PI74LPT16244CAE Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244CV PERICOM-PI74LPT16244CV Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
More results

Similar Description - PI74LPT16827

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16827AT IDT-IDT74FCT16827AT Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
PI74LCX827 PERICOM-PI74LCX827 Datasheet
152Kb / 7P
   Fast CMOS 3.3V 10-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT3827A IDT-IDT74FCT3827A Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT827AT IDT-IDT74FCT827AT Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
IDT74FCT163827A IDT-IDT74FCT163827A_18 Datasheet
85Kb / 7P
   3.3V CMOS 20-BIT BUFFER
IDT74FCT163827A IDT-IDT74FCT163827A Datasheet
85Kb / 7P
   3.3V CMOS 20-BIT BUFFER
logo
Renesas Technology Corp
74FCT163827A RENESAS-74FCT163827A Datasheet
267Kb / 8P
   3.3V CMOS 20-BIT BUFFER
MAY 2019
IDT74FCT162827AT RENESAS-IDT74FCT162827AT Datasheet
235Kb / 8P
   FAST CMOS 20-BIT BUFFER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com