Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF50MG Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # SF50MG
Description  SUPER FAST GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

SF50MG Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  SF50MG Datasheet HTML 1Page - Lite-On Technology Corporation SF50MG Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRE
LI
M
INA
R
Y
VRMS
VDC
VRRM
I(AV)
IFSM
VF
IR
@TA=55 C
@TJ =100 C
POWER
SEMICONDUCTOR
LITE ON
SF50KG thru SF50MG
FEATURES
Glass passivated chip
Super fast switching time for high efficiency
Low forward voltage drop and high current capability
Low reverse leakage current
Plastic material has UL flammability classification
94V-0
MECHANICAL DATA
Case : JEDEC DO-201AD molded plastic
Polarity : Color band denotes cathode
Weight : 0.04 ounces, 1.1 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 5.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =25 C
Typical Junction
Capacitance (Note 2)
5.0
150
5
300
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 3)
R0JA
25
C/W
uA
V
A
A
V
UNIT
V
V
CHARACTERISTICS
SYMBOL
SF50KG
800
560
800
CJ
35
pF
Maximum Reverse Recovery Time (Note 1)
TRR
1.7
50
ns
All Dimensions in millimeter
Max.
Min.
DO-201AD
Dim.
A
D
C
B
25.4
9.50
-
7.30
1.20
4.80
5.30
1.30
DO-201AD
A
C
D
A
B
SUPER FAST
GLASS PASSIVATED RECTIFIERS
REVERSE VOLTAGE
- 800 to 1000 Volts
FORWARD CURRENT - 5.0 Amperes
SF50MG
1000
700
1000
1.5
NOTES : 1.Measured with IF=0.5A,IR=1.0A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance Junction to Ambient.
REV. PRE, 24-May-2000


Similar Part No. - SF50MG

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SF50 JAE-SF50 Datasheet
166Kb / 4P
   COMPONENTS PRODUCT INFORMATION
logo
Frontier Electronics.
SF50-005 FRONTIER-SF50-005 Datasheet
128Kb / 2P
   5A SUPER FAST RECOVERY RECTIFIER
SF50-005-LFR FRONTIER-SF50-005-LFR Datasheet
128Kb / 2P
   5A SUPER FAST RECOVERY RECTIFIER
SF50-005G FRONTIER-SF50-005G Datasheet
128Kb / 2P
   5A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF50-01 FRONTIER-SF50-01 Datasheet
128Kb / 2P
   5A SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF50MG

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
   Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
MUR805 SSC-MUR805 Datasheet
280Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11G SECOS-SF11G_15 Datasheet
152Kb / 2P
   Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com