Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGU20N40L Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SGU20N40L
Description  High input impedance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGU20N40L Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SGU20N40L Datasheet HTML 1Page - Fairchild Semiconductor SGU20N40L Datasheet HTML 2Page - Fairchild Semiconductor SGU20N40L Datasheet HTML 3Page - Fairchild Semiconductor SGU20N40L Datasheet HTML 4Page - Fairchild Semiconductor SGU20N40L Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
SGR20N40L / SGU20N40L Rev. A1
Fig 1. Typical Output Characteristics
Fig 2. Saturation Voltage vs. Case
Temperature at Variant Current Level
Fig 3. Saturation Voltage vs. VGE
Fig 4. Saturation Voltage vs. VGE
Fig 5. Saturation Voltage vs. VGE
Fig 6. Capacitance Characteristics
0
2468
0
50
100
150
200
Common Emitter
T
C = 25
5.0V
4.5V
4.0V
3.5V
3.0V
V
GE = 2.5V
Collector-Emitter Voltage, V
CE [V]
-50
0
50
100
150
2
3
4
5
6
7
Common Emitter
V
GE = 4.5V
150A
100A
I
C = 70A
Case Temperature, T
C [
℃]
0123
456
0
4
8
12
16
20
I
C = 70A
100A
150A
Common Emitter
T
C = -40
Gate-Emitter Voltage, V
GE [V]
012
3
456
0
4
8
12
16
20
150A
100A
I
C = 70A
Common Emitter
T
C = 25
Gate-Emitter Voltage, V
GE [V]
0123
456
0
4
8
12
16
20
I
C = 70A
100A
150A
Common Emitter
T
C = 125
Gate-Emitter Voltage, V
GE [V]
0
1020
3040
10
100
1000
10000
Common Emitter
V
GE = 0V, f = 1MHz
T
C = 25
Cres
Coes
Cies
Collector-Emitter Voltage, V
CE [V]


Similar Part No. - SGU20N40L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGU2N60UF FAIRCHILD-SGU2N60UF Datasheet
493Kb / 7P
   Ultra-Fast IGBT
SGU2N60UFD FAIRCHILD-SGU2N60UFD Datasheet
536Kb / 8P
   Ultra-Fast IGBT
More results

Similar Description - SGU20N40L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ76 ISC-BUZ76 Datasheet
67Kb / 2P
   High Input Impedance
BUZ11 ISC-BUZ11 Datasheet
66Kb / 2P
   High input impedance
BUZ11S2 ISC-BUZ11S2 Datasheet
66Kb / 2P
   High input impedance
logo
Fairchild Semiconductor
FGS15N40LTF FAIRCHILD-FGS15N40LTF Datasheet
210Kb / 6P
   High Input Impedance
logo
Inchange Semiconductor ...
BUZ12 ISC-BUZ12 Datasheet
66Kb / 2P
   High input impedance
logo
Toshiba Semiconductor
MG100Q2YS11 TOSHIBA-MG100Q2YS11 Datasheet
333Kb / 5P
   high input impedance
logo
Fairchild Semiconductor
SGH23N60UFDTU FAIRCHILD-SGH23N60UFDTU Datasheet
633Kb / 7P
   High Input Impedance
logo
Inchange Semiconductor ...
BUZ22 ISC-BUZ22 Datasheet
66Kb / 2P
   High input impedance
BUZ12A ISC-BUZ12A Datasheet
66Kb / 2P
   High input impedance
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002_15 Datasheet
135Kb / 5P
   High Input Impedance-180K Min
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com