Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLL1.4KESD60 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MLL1.4KESD60
Description  SURFACE MOUNT TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLL1.4KESD60 Datasheet(HTML) 1 Page - Microsemi Corporation

  MLL1.4KESD60 Datasheet HTML 1Page - Microsemi Corporation MLL1.4KESD60 Datasheet HTML 2Page - Microsemi Corporation MLL1.4KESD60 Datasheet HTML 3Page - Microsemi Corporation MLL1.4KESD60 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT TVS
SCOTTSD A L E DIVISION
MLL1.4KESD5.0 thru MLL1.4KESD170CA
DESCRIPTION
APPEARANCE
These small surface mount TVS devices feature the ability to clamp
dangerous high voltage short-term transients such as produced by directed
or radiated electrostatic discharge phenomena before entering sensitive
component regions of a circuit design. They are small economical transient
voltage suppressors targeted primarily for short-term transients below a few
microseconds while still achieving significant peak-pulse-power capability
as illustrated in Figure #1.
DO-213AA
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Excellent protection in clamping direct ESD level
transients in excess of 15,000 V per MIL-STD-750,
Method 1020 (approx. 150 ns exponential wave)
• Absorbs ESD level transients* of 1400 Watts per
MIL-STD-750, Method 1020 (approx. 150 ns
exponential wave, or one microsecond transients up
to 400 watts. See Figure #1 and #2 for overall
transient Peak Pulse Power.
• Clamps Transients in less than 100 picoseconds
• Working Stand-off Voltage range of 5 V to 170 V
• Hermetic DO-213AA Package. Also available in
axial-leaded DO-35 package (see separate data
sheet for 1.4KESD5.0 series)
• Protects Sensitive circuits from short duration fast
rise time transients such as Electrostatic Discharge
(ESD) or Electrical Fast Transients (EFT)
• Low inherent capacitance for high-frequency
applications (See Figure #4)
• Small surface mount foot print
• Bidirectional features available by adding a “C” or
“CA” suffix
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• 400 Watts for One Microsecond Square Wave or
1400 watts per ESD Wave form of MIL-STD-750,
method 1020
• See Surge Rating curves in Figures #1, 2 and 3
• Operating and storage temperature –65oC to 175oC
• THERMAL RESISTANCE: 150oC/W junction to end
cap
• DC power dissipation 500 mW at TEC ≤ 100oC
• Derate at 2.3 W/oC above 25oC for PPP (1µs) and at
6.67 mW/
oC above 100oC for dc power
• Forward Surge Current 50 amps for 1µs at TL = 25oC
(rise time > 100 ns)
• CASE: Hermetically sealed glass DO-213AA surface
mount package
• TERMINALS: Leads, tin-lead plated solderable per
MIL-STD-750, method 2026
• POLARITY: Banded end is cathode
• WEIGHT: 0.04 grams (typical)
• MARKING: Cathode band only
• TAPE & REEL option: Standard per EIA-481-B (add
“TR” suffix to part number)
• See package dimension on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
10-06-2003 REV A


Similar Part No. - MLL1.4KESD60

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MLL12-0.25-A SLPOWER-MLL12-0.25-A Datasheet
374Kb / 7P
   DC Power Supplies
MLL12-0.25-A SLPOWER-MLL12-0.25-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
Microsemi Corporation
MLL14KESD10 MICROSEMI-MLL14KESD10 Datasheet
119Kb / 2P
   SURFACE MOUNT
MLL14KESD10 MICROSEMI-MLL14KESD10 Datasheet
118Kb / 2P
   SURFACE MOUNT
MLL14KESD10 MICROSEMI-MLL14KESD10 Datasheet
442Kb / 4P
   SURFACE MOUNT TVS
More results

Similar Description - MLL1.4KESD60

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
5.0SMDJ11A LEIDITECH-5.0SMDJ11A Datasheet
1Mb / 8P
   TVS Surface Mount
logo
Microsemi Corporation
MLL14KESD5.0 MICROSEMI-MLL14KESD5.0 Datasheet
442Kb / 4P
   SURFACE MOUNT TVS
logo
Shenzhen Luguang Electr...
SMCJ5.0 LUGUANG-SMCJ5.0 Datasheet
334Kb / 4P
   Surface Mount TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
Bourns Electronic Solut...
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com