Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7750BCU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SPT7750BCU
Description  8-BIT, 500 MSPS, FLASH A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7750BCU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SPT7750BCU Datasheet HTML 1Page - Fairchild Semiconductor SPT7750BCU Datasheet HTML 2Page - Fairchild Semiconductor SPT7750BCU Datasheet HTML 3Page - Fairchild Semiconductor SPT7750BCU Datasheet HTML 4Page - Fairchild Semiconductor SPT7750BCU Datasheet HTML 5Page - Fairchild Semiconductor SPT7750BCU Datasheet HTML 6Page - Fairchild Semiconductor SPT7750BCU Datasheet HTML 7Page - Fairchild Semiconductor SPT7750BCU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
11/30/01
SPT7750
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
Unless otherwise noted, all test are pulsed
tests; therefore, TJ = TC = TA.
LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteri-
zation data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed
over specified temperature range.
ELECTRICAL SPECIFICATIONS
TJ = TC = TA = +25 °C , VEE=–5.2 V, VRB=–2.0 V, VRM=–1.0 V, VRT=0.00 V, ƒCLK=500 MHz, Duty Cycle=50%, unless otherwise specified.
TEST
TEST
SPT7750A
SPT7750B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Dynamic Performance
Spurious Free Dynamic Range
ƒIN = 50 MHz
I
49
44
dB
ƒIN = 250 MHz
I
41
36
dB
Digital Inputs
Input High Voltage
(CLK, CLK)
I
–1.1
–0.7
–1.1
–0.7
V
Input Low Voltage
(CLK, CLK)
I
–1.8
–1.5
–1.8
–1.5
V
Clock Pulse Width High (tPWH)
I
1.0
0.67
1.0
0.67
ns
Clock Pulse Width Low (tPWL)
I
1.0
0.67
1.0
0.67
ns
Digital Outputs
Logic 1 Voltage
I
–1.1
–0.9
–1.1
–0.9
V
Logic 0 Voltage
I
–1.8
–1.5
–1.8
–1.5
V
Rise Time
20% to 80%
V
450
450
ps
Fall Time
20% to 80%
V
450
450
ps
Power Supply Requirements
Voltage VEE
IV
–4.95
–5.2
–5.45
–4.95
–5.2
–5.45 V
Current IEE
I
1.05
1.2
1.05
1.2
A
Power Dissipation
I
5.5
6.25
5.5
6.25
W
Typical Thermal Impedance:
θJC = +4 °C/W.


Similar Part No. - SPT7750BCU

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7750BIK CADEKA-SPT7750BIK Datasheet
282Kb / 8P
   8-BIT, 500 MSPS, FLASH A/D CONVERTER
More results

Similar Description - SPT7750BCU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1276Y INTERSIL-HI1276Y Datasheet
492Kb / 8P
   8-Bit 500 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1276K SONY-CXA1276K Datasheet
570Kb / 25P
   8-BIT 500 MSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7750 CADEKA-SPT7750 Datasheet
282Kb / 8P
   8-BIT, 500 MSPS, FLASH A/D CONVERTER
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com