Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54133FP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M54133FP
Description  EARTH LEAKAGE CURRENT DETECTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54133FP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M54133FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54133FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54133FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M54133FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M54133FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M54133FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M54133FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M54133FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M54133FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
M54133FP/GP
EARTH LEAKAGE CURRENT DETECTOR
MITSUBISHI <CONTROL / DRIVER IC>
6
810
12
400
200
300
DLYC PULSE WIDTH VS.
SUPPLY VOLTAGE CHARACTERISTICS
SUPPLY VOLTAGE (V)
6
810
12
13
9
11
TOTAL LEAK DETECTION AC VOLTAGE VS.
SUPPLY VOLTAGE CHARACTERISTICS
SUPPLY VOLTAGE (V)
-50
0
50
100
13
9
11
AMBIENT TEMPERATURE (
°C)
0
200
400
600
0.4
0
0.1
0.2
0.3
“L” OUTPUT CURRENT (
µA)
AMBIENT TEMPERATURE (
°C)
-50
0
50
100
0
0.1
0.3
TOTAL LEAK DETECTION AC VOLTAGE VS.
AMBIENT TEMPERATURE CHARACTERISTICS
SCRT “L” OUTPUT VOLTAGE VS.
“L” OUTPUT CURRENT CHARACTERISTICS
SCRT “L” OUTPUT VOLTAGE VS.
AMBIENT TEMPERATURE CHARACTERISTICS
0.2
0.4
VS=9V
IOL=200
µA
VS=9V
Ta=+25
°C
-50
0
50
100
400
200
300
DLYC PULSE WIDTH VS.
AMBIENT TEMPERATURE CHARACTERISTICS
AMBIENT TEMPERATURE (
°C)
VS=9V
DLYC=1.0
µF
Ta=+25
°C
DLYC=1.0
µF
Ta=+25
°C
TRC1=0.01
µF
fin=60Hz
VS=9V
TRC1=0.01
µF
fin=60Hz
12
10
12
10
350
250
350
250
100
300
500


Similar Part No. - M54133FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M54133FP RENESAS-M54133FP Datasheet
171Kb / 18P
   Earth Leakage Current Detector
More results

Similar Description - M54133FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
   Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
   Earth Leakage Current Detector
logo
Unisonic Technologies
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
   EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Mitsubishi Electric Sem...
M54124L MITSUBISHI-M54124L Datasheet
162Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Unisonic Technologies
M54134 UTC-M54134 Datasheet
222Kb / 7P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Hynix Semiconductor
GL7101 HYNIX-GL7101 Datasheet
89Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Unisonic Technologies
M54123L UTC-M54123L_09 Datasheet
211Kb / 9P
   EARTH LEAKAGE CURRENT DETECTOR
M54133 UTC-M54133_15 Datasheet
189Kb / 8P
   EARTH LEAKAGE CURRENT DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com