Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLD1000 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TCLD1000
Description  Optocoupler with Photodarlington Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLD1000 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TCLD1000 Datasheet HTML 2Page - Vishay Siliconix TCLD1000 Datasheet HTML 3Page - Vishay Siliconix TCLD1000 Datasheet HTML 4Page - Vishay Siliconix TCLD1000 Datasheet HTML 5Page - Vishay Siliconix TCLD1000 Datasheet HTML 6Page - Vishay Siliconix TCLD1000 Datasheet HTML 7Page - Vishay Siliconix TCLD1000 Datasheet HTML 8Page - Vishay Siliconix TCLD1000 Datasheet HTML 9Page - Vishay Siliconix TCLD1000 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TCLD10.. Series
Vishay Semiconductors
www.vishay.com
6 (10)
Rev. A3, 19–Mar–01
Document Number 83516
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–30–20–10 0 10 20 30 40 50 60 70 80 90 100
Tamb – Ambient Temperature ( °C )
14391
VCE=5V
IF=1mA
Figure 5. Relative Current Transfer Ratio vs.
Ambient Temperature
1
10
100
1000
10000
100000
20
30
40
50
60
70
80
90
100
Tamb – Ambient Temperature ( °C )
14392
VCE=10V
IF=0
Figure 6. Collector Dark Current vs. Ambient Temperature
0.1
1.0
10.0
100.0
1000.0
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
14393
VCE=2V
Figure 7. Collector Current vs. Forward Current
0.1
1.0
10.0
100.0
0.1
1.0
10.0
100.0
VCE – Collector Emitter Voltage ( V )
14394
1mA
0.5mA
0.2mA
0.1mA
IF=2mA
Figure 8. Collector Current vs. Collector Emitter Voltage
TCLD1000
901WTK27
Date
Code
(YM)
Company
Logo
Production
Location
Pin 1 Indication
Type
15246
System
Letter
Figure 9. Marking example


Similar Part No. - TCLD1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLD1000 VISHAY-TCLD1000 Datasheet
139Kb / 7P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
Rev. 1.8, 09-Jan-08
TCLD1000 VISHAY-TCLD1000 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
01-Jan-2022
TCLD1000 VISHAY-TCLD1000 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLD1000 VISHAY-TCLD1000_08 Datasheet
139Kb / 7P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
Rev. 1.8, 09-Jan-08
TCLD1000 VISHAY-TCLD1000_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
01-Jan-2022
More results

Similar Description - TCLD1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
   Optocoupler with Photodarlington Output
Rev. A2, 15-Dec-00
K815P VISHAY-K815P Datasheet
172Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 11-Jan-99
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output
Rev. 1.4, 26-Oct-04
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
K851P VISHAY-K851P Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com