Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74ACT640FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT640FT
Description  OCTAL BUS TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT640FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT640FT Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT640FT Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT640FT Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT640FT Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT640FT Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT640FT Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT640FT Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT640FT Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT640FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC51WHM516AXBN65,70
2002-08-22
1/11
• Access Times:
TC51WHM516AXBN
65
70
Access Time
65 ns
70 ns
CE1
Access Time
65 ns
70 ns
OE
Access Time
25 ns
25 ns
Page Access Time
30 ns
30 ns
• Package:
P-TFBGA48-0607-0.75AZ (Weight:
g typ.)
TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
DESCRIPTION
The TC51WHM516AXBN is a 33,554,432-bit pseudo static random access memory(PSRAM) organized as
2,097,152 words by 16 bits. Using Toshiba’s CMOS technology and advanced circuit techniques, it provides high
density, high speed and low power. The device operates single power supply. The device also features SRAM-like
W/R timing whereby the device is controlled by CE1 , OE , and WE on asynchronous. The device has the page
access operation. Page size is 8 words. The device also supports deep power-down mode, realizing low-power
standby.
FEATURES
• Organized as 2,097,152 words by 16 bits
• Single power supply voltage of 2.6 to 3.3 V
• Direct TTL compatibility for all inputs and outputs
• Deep power-down mode: Memory cell data invalid
• Page operation mode:
Page read operation by 8 words
• Logic compatible with SRAM R/W ( WE ) pin
• Standby current
Standby
70 µA
Deep power-down standby
5 µA
PIN ASSIGNMENT (TOP VIEW)
PIN NAMES
1
2
3
4
5
6
A
LB
OE
A0
A1
A2
CE2
B
I/O9
UB
A3
A4
CE1
I/O1
C
I/O10
I/O11
A5
A6
I/O2
I/O3
D
VSS
I/O12
A17
A7
I/O4
VDD
E
VDD
I/O13
NC
A16
I/O5
VSS
F
I/O15
I/O14
A14
A15
I/O6
I/O7
G
I/O16
A19
A12
A13
WE
I/O8
H
A18
A8
A9
A10
A11
A20
(FBGA48)
A0 to A20
Address Inputs
A0 to A2
Page Address Inputs
I/O1 to I/O16 Data Inputs/Outputs
CE1
Chip Enable Input
CE2
Chip select Input
WE
Write Enable Input
OE
Output Enable Input
LB , UB
Data Byte Control Inputs
VDD
Power
GND
Ground
NC
No Connection


Similar Part No. - TC74ACT640FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT640FT TOSHIBA-TC74ACT640FT Datasheet
299Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74ACT640FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
   Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
   OCTAL BUS TRANSCEIVER
logo
Motorola, Inc
SN54LS245 MOTOROLA-SN54LS245 Datasheet
155Kb / 4P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74LVX245 ONSEMI-MC74LVX245_14 Datasheet
116Kb / 7P
   Octal Bus Transceiver
August, 2014 ??Rev. 5
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
   Octal Bus Transceiver
March, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com