Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7530PWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS7530PWPR
Description  HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7530PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS7530PWPR Datasheet HTML 5Page - Texas Instruments THS7530PWPR Datasheet HTML 6Page - Texas Instruments THS7530PWPR Datasheet HTML 7Page - Texas Instruments THS7530PWPR Datasheet HTML 8Page - Texas Instruments THS7530PWPR Datasheet HTML 9Page - Texas Instruments THS7530PWPR Datasheet HTML 10Page - Texas Instruments THS7530PWPR Datasheet HTML 11Page - Texas Instruments THS7530PWPR Datasheet HTML 12Page - Texas Instruments THS7530PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
THS7530
SLOS405A DECEMBER 2002– REVISED APRIL 2003
www.ti.com
9
Figure 14
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
f – Frequency – MHz
VG+ INPUT INPEDANCE
vs
FREQUENCY
Figure 15
0
5
10
15
20
25
0.1
1
10
100
VOCM INPUT IMPEDANCE
vs
FREQUENCY
f – Frequency – MHz
Figure 16
–60
–50
–40
–30
–20
–10
0.1
1
10
100
1000
f – Frequency – MHz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
Figure 17
–1.5
–1
–0.5
0
0.5
1
1.5
0
200
400
600
800
1000
t – Time – ns
STEP RESPONSE
At Amplifier Output and Minimum Gain
RL = 400 Ω
Figure 18
STEP RESPONSE – RISING EDGE
–1.5
–1
–0.5
0
0.5
1
1.5
0
2
46810
12
t – Time – ns
Amplifier Output at Minimum Gain
RL = 400 Ω
Figure 19
STEP RESPONSE – FALLING EDGE
–1.5
–1
–0.5
0
0.5
1
1.5
0
2
46810
12
t – Time – ns
Amplifier Output at Minimum Gain
RL = 400 Ω


Similar Part No. - THS7530PWPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS7530PWPR NSC-THS7530PWPR Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
THS7530PWPRG4 NSC-THS7530PWPRG4 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
More results

Similar Description - THS7530PWPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
THS7530-Q1 TI1-THS7530-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   THS7530-Q1 High-Speed, Fully Differential, Continuously Variable Gain Amplifier
PGA870 TI-PGA870 Datasheet
1Mb / 24P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Texas Instruments
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
LMH2832 TI1-LMH2832 Datasheet
1Mb / 46P
[Old version datasheet]   LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
logo
M/A-COM Technology Solu...
MAAM-010399 MA-COM-MAAM-010399 Datasheet
377Kb / 6P
   Differential CATV Variable Gain Amplifier
MAAM-011122 MA-COM-MAAM-011122 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-010399 MA-COM-MAAM-010399_15 Datasheet
1Mb / 9P
   Differential CATV Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com