Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP665G Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP665G
Description  Office Machine Household Use Equipment Triac Driver Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP665G Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP665G Datasheet HTML 1Page - Toshiba Semiconductor TLP665G Datasheet HTML 2Page - Toshiba Semiconductor TLP665G Datasheet HTML 3Page - Toshiba Semiconductor TLP665G Datasheet HTML 4Page - Toshiba Semiconductor TLP665G Datasheet HTML 5Page - Toshiba Semiconductor TLP665G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP665G
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Forward current
IF
50
mA
Forward current derating (Ta ≤ 53°C)
∆IF / °C
-0.7
mA / °C
Peak forward current
(100 µs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
-state output terminal voltage
VDRM
400
V
Ta = 25°C
100
On
-state RMS current
Ta = 70°C
IT (RMS)
50
mA
On
-state current derating (Ta ≥ 25°C)
∆IT / °C
-1.1
mA / °C
Peak on
-state current
(100µs pulse, 120pps)
ITP
2
A
Peak nonrepetitive surge current
(PW = 10ms, DC = 10%)
ITSM
1.2
A
Junction temperature
Tj
115
°C
Storage temperature range
Tstg
-55~125
°C
Operating temperature range
Topr
-40~100
°C
Lead soldering temperature (10s)
Tsol
260
°C
Isolation voltage (AC, 1 min., R.H.≤ 60%)
(Note 1)
BVS
5000
Vrms
(Note 1) Device considered a two terminal device: Pins 1, 2 and 3 shorted together pin 4 and 6 shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
120
Vac
Forward current
IF
15
20
25
mA
Peak on
-stage current
ITP
1
A
Operating temperature
Topr
-25
85
°C


Similar Part No. - TLP665G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP665J TOSHIBA-TLP665J Datasheet
220Kb / 6P
   Household Use Equipment
TLP665JF TOSHIBA-TLP665JF Datasheet
96Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665JF TOSHIBA-TLP665JF Datasheet
152Kb / 2P
   Household Use Equipment
TLP665JFS TOSHIBA-TLP665JFS Datasheet
152Kb / 2P
   Household Use Equipment
More results

Similar Description - TLP665G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051 Datasheet
165Kb / 6P
   Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041F TOSHIBA-TLP3041F Datasheet
102Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3061F TOSHIBA-TLP3061F_07 Datasheet
97Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021F TOSHIBA-TLP3021F Datasheet
101Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021 TOSHIBA-TLP3021_07 Datasheet
347Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP762J TOSHIBA-TLP762J Datasheet
231Kb / 5P
   OFFICE MACHINE HOUSEHOLD USE EQUPMINT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com