Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2GC44 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # U2GC44
Description  TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

U2GC44 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  U2GC44 Datasheet HTML 1Page - Toshiba Semiconductor U2GC44 Datasheet HTML 2Page - Toshiba Semiconductor U2GC44 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
U2BC44,U2GC44,U2JC44
2001-07-11
1
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
U2BC44,U2GC44,U2JC44
GENERAL PURPOSE RECTIFIER APPLICATIONS
l Repetitive Peak Reverse Voltage : VRRM = 100, 400, 600 V
l Average Forward Current
: IF (AV) = 2.0 A
l Mini Plastic Mold Package
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
U2BC44
100
U2GC44
400
Repetitive Peak
Reverse Voltage
U2JC44
VRRM
600
V
On Ceramic Substrate
2.0
(Ta = 45°C)
Average
Forward
Current
On Glass−epoxy
Substrate
IF (AV)
1.3
(Ta = 25°C)
A
80 (50Hz)
Peak One Cycle Surge Forward
Current (Non−Repetitive)
IFSM
88 (60Hz)
A
Junction Temparature Range
Tj
−40~150
°C
Storage Temparature Range
Tstg
−40~150
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Peak Forward Voltage
VFM
IFM = 2.0 A
1.2
V
Repetitive Peak Reverse Current
IRRM
VRRM = Rated
10
µA
On ceramic substrate
50
Thermal Resistance
Rth (j−a)
DC
On glass−epoxy substrate
110
°C / W
STANDARD SOLDERING PAD
MARKING
Unit: mm
JEDEC
JEITA
TOSHIBA
3−5F1A
Weight: 0.1g
CODE
TYPE
2BC
U2BC44
2GC
U2GC44
2JC
U2JC44


Similar Part No. - U2GC44

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U2GC44 TOSHIBA-U2GC44 Datasheet
154Kb / 3P
   GENERAL PURPOSE RECTIFIER APPLICATIONS
More results

Similar Description - U2GC44

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U3FWK42 TOSHIBA-U3FWK42 Datasheet
141Kb / 4P
   TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CRS01 TOSHIBA-CRS01_13 Datasheet
188Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS10I30A TOSHIBA-CRS10I30A Datasheet
197Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS15I30A TOSHIBA-CRS15I30A Datasheet
178Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
U1FWJ44M TOSHIBA-U1FWJ44M Datasheet
152Kb / 4P
   TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CMS08 TOSHIBA-CMS08 Datasheet
122Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS03 TOSHIBA-CMS03 Datasheet
129Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS05 TOSHIBA-CMS05_13 Datasheet
169Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS20I30A TOSHIBA-CRS20I30A Datasheet
175Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS11 TOSHIBA-CMS11 Datasheet
136Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS04 TOSHIBA-CMS04_13 Datasheet
176Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com