Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2014T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UBA2014T
Description  600 V driver IC for HF fluorescent lamps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2014T Datasheet(HTML) 4 Page - NXP Semiconductors

  UBA2014T Datasheet HTML 1Page - NXP Semiconductors UBA2014T Datasheet HTML 2Page - NXP Semiconductors UBA2014T Datasheet HTML 3Page - NXP Semiconductors UBA2014T Datasheet HTML 4Page - NXP Semiconductors UBA2014T Datasheet HTML 5Page - NXP Semiconductors UBA2014T Datasheet HTML 6Page - NXP Semiconductors UBA2014T Datasheet HTML 7Page - NXP Semiconductors UBA2014T Datasheet HTML 8Page - NXP Semiconductors UBA2014T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGW579
DRIVER
LOGIC
LEVEL
SHIFTER
BOOTSTRAP
FREQUENCY
CONTROL
AVERAGE
CURRENT
SENSOR
CS
+
15
GH
10
FVDD
9
CS
16
LOGIC
LAMP
VOLTAGE
SENSOR
VOLTAGE
CONTROLLED
OSCILLATOR
REFERENCE
CURRENT
I
V
GL
LS
DRIVER
HS
DRIVER
6
SH
11
ACM
12
PREHEAT TIMER
STATE LOGIC
reset state
start-up state
preheat state
ignition state
burn state
hold state
power-down state
SUPPLY
VDD
Vref
reset
VDD(L)
Vpd
reference
voltages
digital
analog
supply (5 V)
3 V
714
LOGIC
1
4
CT
IREF
3
CF
13
LVS
2
CSW
5
GND
Vlamp(fail) Vlamp(max)
ANT/CMD
UBA2014
PCS
8
PCS
Fig.1 Block diagram.


Similar Part No. - UBA2014T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2014T NXP-UBA2014T Datasheet
112Kb / 19P
   600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
More results

Similar Description - UBA2014T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2014 NXP-UBA2014 Datasheet
112Kb / 19P
   600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
UBA20270 NXP-UBA20270 Datasheet
924Kb / 32P
   600 V Driver IC for dimmable compact fluorescent lamps
Rev. 2-8 September 2011
UBA2028 NXP-UBA2028 Datasheet
136Kb / 21P
   600 V dimmable power IC for compact fluorescent lamps
Rev. 01-9 October 2009
UBA2028 NXP-UBA2028_10 Datasheet
206Kb / 23P
   600 V dimmable power IC for compact fluorescent lamps
Rev. 02-19 July 2010
UBA20271 NXP-UBA20271 Datasheet
464Kb / 33P
   350 V and 600 V Power ICs for dimmable compact fluorescent lamps
Rev. 2 .1 - 12 October 2011
UBA20271 PHILIPS-UBA20271 Datasheet
465Kb / 33P
   350 V and 600 V Power ICs for dimmable compact fluorescent lamps
Rev. 2.1-12 October 2011
logo
Fairchild Semiconductor
FAN7710 FAIRCHILD-FAN7710 Datasheet
921Kb / 18P
   Ballast Control IC for Compact Fluorescent Lamps
logo
ON Semiconductor
FAN7710V ONSEMI-FAN7710V Datasheet
1Mb / 20P
   Ballast Control IC for Compact Fluorescent Lamps
February 2012 Ver 1.0.4
logo
Fairchild Semiconductor
FAN7710V FAIRCHILD-FAN7710V Datasheet
1Mb / 18P
   Ballast Control IC for Compact Fluorescent Lamps
logo
NXP Semiconductors
UBA20260 NXP-UBA20260 Datasheet
273Kb / 30P
   600 V driver IC for step dimmable CFLs
Rev. 2-10 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com