Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2014P Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UBA2014P
Description  600 V driver IC for HF fluorescent lamps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2014P Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UBA2014P Datasheet HTML 5Page - NXP Semiconductors UBA2014P Datasheet HTML 6Page - NXP Semiconductors UBA2014P Datasheet HTML 7Page - NXP Semiconductors UBA2014P Datasheet HTML 8Page - NXP Semiconductors UBA2014P Datasheet HTML 9Page - NXP Semiconductors UBA2014P Datasheet HTML 10Page - NXP Semiconductors UBA2014P Datasheet HTML 11Page - NXP Semiconductors UBA2014P Datasheet HTML 12Page - NXP Semiconductors UBA2014P Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2002 May 16
9
Philips Semiconductors
Product specification
600 V driver IC for HF fluorescent lamps
UBA2014
handbook, full pagewidth
MGW584
power-down
state
preheat state
ignition
state
timer
ended
Timer
on
time
off
Vlamp(fail)
Vlamp(max)
Vlamp
Fig.6 Failure mode during ignition.
handbook, full pagewidth
MGW585
time
Timer
on
off
Vlamp(fail)
Vlamp(max)
Vlamp
power-down
state
burn state
ignition
state
timer
ended
timer
started
Fig.7 Failure mode during burn.


Similar Part No. - UBA2014P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2014P NXP-UBA2014P Datasheet
112Kb / 19P
   600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
More results

Similar Description - UBA2014P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2014 NXP-UBA2014 Datasheet
112Kb / 19P
   600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
UBA20270 NXP-UBA20270 Datasheet
924Kb / 32P
   600 V Driver IC for dimmable compact fluorescent lamps
Rev. 2-8 September 2011
UBA2028 NXP-UBA2028 Datasheet
136Kb / 21P
   600 V dimmable power IC for compact fluorescent lamps
Rev. 01-9 October 2009
UBA2028 NXP-UBA2028_10 Datasheet
206Kb / 23P
   600 V dimmable power IC for compact fluorescent lamps
Rev. 02-19 July 2010
UBA20271 NXP-UBA20271 Datasheet
464Kb / 33P
   350 V and 600 V Power ICs for dimmable compact fluorescent lamps
Rev. 2 .1 - 12 October 2011
UBA20271 PHILIPS-UBA20271 Datasheet
465Kb / 33P
   350 V and 600 V Power ICs for dimmable compact fluorescent lamps
Rev. 2.1-12 October 2011
logo
Fairchild Semiconductor
FAN7710 FAIRCHILD-FAN7710 Datasheet
921Kb / 18P
   Ballast Control IC for Compact Fluorescent Lamps
logo
ON Semiconductor
FAN7710V ONSEMI-FAN7710V Datasheet
1Mb / 20P
   Ballast Control IC for Compact Fluorescent Lamps
February 2012 Ver 1.0.4
logo
Fairchild Semiconductor
FAN7710V FAIRCHILD-FAN7710V Datasheet
1Mb / 18P
   Ballast Control IC for Compact Fluorescent Lamps
logo
NXP Semiconductors
UBA20260 NXP-UBA20260 Datasheet
273Kb / 30P
   600 V driver IC for step dimmable CFLs
Rev. 2-10 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com