Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPS3540 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # UPS3540
Description  5 A Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

UPS3540 Datasheet(HTML) 1 Page - Micrel Semiconductor

  UPS3540 Datasheet HTML 1Page - Micrel Semiconductor UPS3540 Datasheet HTML 2Page - Micrel Semiconductor UPS3540 Datasheet HTML 3Page - Micrel Semiconductor UPS3540 Datasheet HTML 4Page - Micrel Semiconductor UPS3540 Datasheet HTML 5Page - Micrel Semiconductor UPS3540 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Microsemi
Page 1
UPS3540
5 A Schottky Barrier Rectifier
DESCRIPTION
In Microsemi’s new Powermite3® SMT
package, these high efficiency ultrafast
rectifiers offer the power handing
capabilities previously found only in
much larger packages. They are ideal
for SMD applications that operate at
high frequencies.
In addition to its size advantages,
Powermite3® package features include a full
metallic bottom that eliminates the
possibility of solder flux entrapment during
assembly, and a unique locking tab acts as
an integral heat sink. Its innovative design
makes this device ideal for use with
automatic insertion equipment.
IMPORTANT: Forthemostcurrentdata,consultMICROSEMI’s website: http://www.microsemi.com
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
V R (RMS)
28
V
Average Rectified Output Current
Io
5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on Rated Load@ Tc =90 ºC
IFSM
100
A
Storage Temperature
T stg
-55 to +150
ºC
Operating Temperature
T op
-55 to +125
ºC
THERMAL CHARACTERISTICS
(UNLESS OTHERWISE SPECIFIED)
Thermal Resistance
Junction-to Bottom
Rja (1)
3.2
ºC/Watt
(1) When Mounted on PC board with 2 ounce copper pattern.
KEY FEA T URES
!
High power surface mount
package.
!
Guard Ring die construction for
transient protection.
!
Silicon Schottky rectifiers no
reverse voltage recovery.
!
Internal heat sink locking tabs
!
Low forward voltage.
!
Full metallic bottom eliminates
flux entrapment
!
Compatible with automatic
insertion equipment
!
Low profile-maximum height of
1mm supplied in 16 mm tape
reel- 5000 units/ 13” reel.
APPLICATIONS/BENEFITS
!
Switching and Regulating Power
Supplies.
!
Charge Pump Circuits.
!
Reduces reverse recovery loss
due to low IRM.
!
Small foot print
190 X 300 mils
1:1 Actual size
Copyright
 2003
Rev. 0., 2003-02-13


Similar Part No. - UPS3540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPS30-4003 ETC2-UPS30-4003 Datasheet
90Kb / 2P
   Open Frame 2.76X5.12 Universal Input AC/DC Converter
logo
Microsemi Corporation
UPS315 MICROSEMI-UPS315 Datasheet
105Kb / 2P
   3 Amp Schottky OR ing Rectifier
UPS340 MICROSEMI-UPS340 Datasheet
203Kb / 6P
   3 A LOW Vf Schottky Barrier Rectifier
UPS360 MICROSEMI-UPS360 Datasheet
160Kb / 5P
   3 A Schottky Barrier Rectifier
logo
Unisonic Technologies
UPS3652 UTC-UPS3652 Datasheet
432Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - UPS3540

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS560E3 MICROSEMI-UPS560E3 Datasheet
179Kb / 3P
   5 A Schottky Barrier Rectifier
UPS540E3 MICROSEMI-UPS540E3 Datasheet
282Kb / 6P
   5 A Schottky Barrier Rectifier
UPS5100E3 MICROSEMI-UPS5100E3 Datasheet
199Kb / 5P
   5 A High Voltage Schottky Barrier Rectifier
UPS5100 MICROSEMI-UPS5100 Datasheet
136Kb / 5P
   5 A High Voltage Schottky Barrier Rectifier
logo
NXP Semiconductors
PMEG4050EP115 NXP-PMEG4050EP115 Datasheet
104Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-14 September 2009
PMEG3050BEP PHILIPS-PMEG3050BEP_15 Datasheet
265Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-28 October 2009
PMEG3050EP PHILIPS-PMEG3050EP_15 Datasheet
157Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-10 December 2009
logo
Nexperia B.V. All right...
PMEG4050EP NEXPERIA-PMEG4050EP Datasheet
258Kb / 12P
   40V, 5 A low VF Schottky barrier rectifier
20 February 2023
logo
NXP Semiconductors
PMEG4050EP NXP-PMEG4050EP Datasheet
104Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-14 September 2009
PMEG3050EP PHILIPS-PMEG3050EP Datasheet
157Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-10 December 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com