Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVH431CLP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431CLP
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431CLP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLVH431CLP Datasheet HTML 5Page - Texas Instruments TLVH431CLP Datasheet HTML 6Page - Texas Instruments TLVH431CLP Datasheet HTML 7Page - Texas Instruments TLVH431CLP Datasheet HTML 8Page - Texas Instruments TLVH431CLP Datasheet HTML 9Page - Texas Instruments TLVH431CLP Datasheet HTML 10Page - Texas Instruments TLVH431CLP Datasheet HTML 11Page - Texas Instruments TLVH431CLP Datasheet HTML 12Page - Texas Instruments TLVH431CLP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TLVH431, TLVH431A, TLVH431B
TLVH432, TLVH432A, TLVH432B
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS555D – NOVEMBER 2004 – REVISED FEBRUARY 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLVH431A electrical characteristics at 25
°C free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLVH431A
TLVH432A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
1.228
1.24
1.252
VREF
Reference voltage
VKA = VREF,
TA = full range
TLVH431AC
1.221
1.259
V
VREF
Reference voltage
VKA = VREF,
IK = 10 mA
TA = full range
(see Note 4 and
Figure 1)
TLVH431AI
1.215
1.265
V
IK = 10 mA
(see Note 4 and
Figure 1)
TLVH431AQ
1.209
1.271
VREF deviation over full
VKA = VREF, IK = 10 mA
TLVH431AC
4
12
VREF(dev)
VREF deviation over full
temperature range (see Note 5)
VKA = VREF, IK = 10 mA
(see Note 4 and Figure 1)
TLVH431AI
6
20
mV
VREF(dev) temperature range (see Note 5)
(see Note 4 and Figure 1)
TLVH431AQ
11
31
mV
∆VREF
∆VKA
Ratio of VREF change to cathode
voltage change
IK = 10 mA
(see Figure 2)
VKA = VREF to 18 V
-1.5
-2.7
mV/V
Iref
Reference terminal current
IK = 10 mA, R1 = 10 kΩ, R2 = open
(see Figure 2)
0.1
0.5
µA
TLVH431AC
0.05
0.3
Iref deviation over full temperature IK = 10 mA, R1 = 10 kΩ, R2 = open
TLVH431AC
0.05
0.3
Iref(dev)
Iref deviation over full temperature
range (see Note 5)
IK = 10 mA, R1 = 10 kΩ, R2 = open
(see Note 4 and Figure 2)
TLVH431AI
0.1
0.4
µA
Iref(dev)
range (see Note 5)
(see Note 4 and Figure 2)
TLVH431AQ
0.15
0.5
µA
IK(min)
Minimum cathode current for
regulation
VKA = VREF (see Figure 1)
60
100
µA
IK(off)
Off-state cathode current
VREF = 0, VKA = 18 V (see Figure 3)
0.02
0.1
µA
|zKA|
Dynamic impedance
(see Note 6)
VKA = VREF, f ≤ 1 kHz,
IK = 0.1 mA to 80 mA (see Figure 1)
0.25
0.4
NOTES:
4. Full temperature ranges are: − 40
°C to 125°C for TLVH431AQ, −40°C to 85°C for TLVH431AI, and 0°C to 70°C for the TLVH431AC.
5. The deviation parameters VREF(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained
over the rated temperature range. The average full-range temperature coefficient of the reference input voltage,
αVREF,
is defined as:
αV
REF
ppm
°C +
V
REF(dev)
V
REF (TA+25°C)
106
∆T
A
where
∆TA is the rated operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at the
lower temperature.
6. The dynamic impedance is defined as: z
ka +
∆V
KA
∆I
K
When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is defined
as:
z
ka +
∆V
∆I [
z
ka
1
) R1
R2


Similar Part No. - TLVH431CLP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431CLP TI-TLVH431CLP Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431CLP TI-TLVH431CLP Datasheet
673Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431CLP TI1-TLVH431CLP Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
TLVH431CLPE3 TI-TLVH431CLPE3 Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431CLPE3 TI-TLVH431CLPE3 Datasheet
673Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TLVH431CLP

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com