Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16L2750 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR16L2750
Description  2.25V TO 5.5V DUART WITH 64-BYTE FIFO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2750 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR16L2750 Datasheet HTML 5Page - Exar Corporation XR16L2750 Datasheet HTML 6Page - Exar Corporation XR16L2750 Datasheet HTML 7Page - Exar Corporation XR16L2750 Datasheet HTML 8Page - Exar Corporation XR16L2750 Datasheet HTML 9Page - Exar Corporation XR16L2750 Datasheet HTML 10Page - Exar Corporation XR16L2750 Datasheet HTML 11Page - Exar Corporation XR16L2750 Datasheet HTML 12Page - Exar Corporation XR16L2750 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
XR16L2750
áç
áç
áç
áç
2.25V TO 5.5V DUART WITH 64-BYTE FIFO
REV. 1.0.0
9
2.8
INTA and INTB Outputs
The INTA and INTB interrupt output changes according to the operating mode and enhanced features setup.
Table 3 and 4 summarize the operating behavior for the transmitter and receiver. Also see Figures 18
through 23.
2.9
Crystal Oscillator or External Clock Input
The 2750 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for both UART sections in the
device. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a
system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the
oscillator or external clock buffer input with XTAL2 pin being the output. Please note that the input XTAL1 is not
5V tolerant and so the maximum at the pin should be VCC. For programming details, see “Programmable Baud
Rate Generator.”
TABLE 3: INTA AND INTB PINS OPERATION FOR TRANSMITTER
Auto RS485
Mode
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
INTA/B Pin
NO
0 = a byte in THR
1 = THR empty
0 = FIFO above trigger level
1 = FIFO below trigger level or FIFO empty
INTA/B Pin
YES
0 = a byte in THR
1 = transmitter empty
0 = FIFO above trigger level
1 = FIFO below trigger level or transmitter empty
TABLE 4: INTA AND INTB PIN OPERATION FOR RECEIVER
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
INTA/B Pin
0 = no data
1 = 1 byte
0 = FIFO below trigger level
1 = FIFO above trigger level
FIGURE 4. TYPICAL OSCILLATOR CONNECTIONS
C1
22-47 pF
C2
22-47 pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500ΚΩ−1 ΜΩ
XTAL1
XTAL2


Similar Part No. - XR16L2750

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2750 EXAR-XR16L2750 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750CJ EXAR-XR16L2750CJ Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750CM EXAR-XR16L2750CM Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750IJ EXAR-XR16L2750IJ Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750IM EXAR-XR16L2750IM Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16L2750

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2752 EXAR-XR16L2752 Datasheet
806Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750_05 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com