Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7300 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT7300
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7300 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT7300 Datasheet HTML 5Page - Exar Corporation XRT7300 Datasheet HTML 6Page - Exar Corporation XRT7300 Datasheet HTML 7Page - Exar Corporation XRT7300 Datasheet HTML 8Page - Exar Corporation XRT7300 Datasheet HTML 9Page - Exar Corporation XRT7300 Datasheet HTML 10Page - Exar Corporation XRT7300 Datasheet HTML 11Page - Exar Corporation XRT7300 Datasheet HTML 12Page - Exar Corporation XRT7300 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
áç
áç
áç
áç
XRT7300
E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.1.1
5
16
STS-1/DS3
I
STS-1/DS3 Select Input:
A “High” on this pin configures the Clock Recovery Phase Locked Loop to set its
VCO Center frequency to around 51.84 MHz (optimal for SONET STS-1 opera-
tions). A “Low” on this pin configures the Clock Recovery Phase Locked Loop to
set its VCO Center frequency to around 44.736 MHz (optimal for DS3 opera-
tions).
NOTES:
1. The XRT7300 ignores this pin if the E3 pin (pin 17) is set to “1”.
2. This input pin is ignored if the XRT7300 is operating in the HOST Mode.
3. Tie this pin to GND if the XRT7300 is going to be operating in the HOST
Mode.
17
E3
I
E3 Select Input:
A “High” on this pin configures the XRT7300 to operate in the E3 Mode.
A “Low” on this pin configures the XRT7300 to check the state of the STS-1/DS3
input pin.
NOTES:
1. This input pin is ignored if the XRT7300 is operating in the HOST Mode.
2. Tie this pin to GND if the XRT7300 is going to be operating in the HOST
Mode.
18
HOST/HW
I
HOST/HW Mode Select:
This input pin is used to enable or disable the Microprocessor Serial Interface
(e.g., consisting of the SDI, SDO, SCLK, CS and REGRESET pins).
Setting this input pin “High” enables the Microprocessor Serial Interface (e.g.
configures the XRT7300 to operate in the HOST Mode). In this mode, the
XRT7300 is configured by writing data into the on-chip Command Registers via
the Microprocessor Serial Interface. When the XRT7300 is operating in the
HOST Mode, it ignores the states of many of the discrete input pins.
Setting this input pin “Low” disables the Microprocessor Serial Interface (e.g.,
configures the XRT7300 to operate in the Hardware Mode). In this mode, many
of the external input control pins are functional.
19
SDI/
(LOSMUTEN)
I
Serial Data Input for the Microprocessor Serial Interface (HOST Mode) or
MUTE-upon-LOS Enable Input (Hardware Mode):
The function of this input pin depends upon whether the XRT7300 is operating in
the HOST or the Hardware Mode.
Serial Data Input for the Microprocessor Serial Interface (HOST Mode):
This pin is used to read or write data into the Command Registers of the Micro-
processor Serial Interface. The Read/Write bit, the Address Values of the Com-
mand Registers and Data Value to be written during Write Operations are
applied to this pin.
This input is sampled on the rising edge of the SCLK pin (pin 21).
MUTE-upon-LOS Enable Input (Hardware Mode):
When in the Hardware Mode, this input pin is used to configure the XRT7300 to
MUTE the recovered data via the RPOS and RNEG output pins whenever it
declares an LOS condition.
Setting this input pin “High” configures the XRT7300 to automatically pull the
RPOS and RNEG output pins to GND whenever it is declaring an LOS condition,
thereby MUTing the data being output to the Terminal Equipment.
Setting this input pin “Low” configures the XRT7300 to NOT automatically MUTE
the recovered data whenever an LOS condition is declared.
PIN DESCRIPTION
PIN #SYMBOL
TYPE
DESCRIPTION


Similar Part No. - XRT7300

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
XRT7300 PULSE-XRT7300 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Exar Corporation
XRT7300IVTRF EXAR-XRT7300IVTRF Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRT7300

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
   3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com