Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7300IV Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT7300IV
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7300IV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT7300IV Datasheet HTML 6Page - Exar Corporation XRT7300IV Datasheet HTML 7Page - Exar Corporation XRT7300IV Datasheet HTML 8Page - Exar Corporation XRT7300IV Datasheet HTML 9Page - Exar Corporation XRT7300IV Datasheet HTML 10Page - Exar Corporation XRT7300IV Datasheet HTML 11Page - Exar Corporation XRT7300IV Datasheet HTML 12Page - Exar Corporation XRT7300IV Datasheet HTML 13Page - Exar Corporation XRT7300IV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
XRT7300
áç
áç
áç
áç
E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.1.1
6
20
SDO/(LCV)
O
Serial Data Output from the Controller Port/(Line Code Violation Output
(LCV) Indicator.):
The function of this input pin depends upon whether the XRT7300 is operating in
the HOST or the Hardware Mode.
HOST Mode - Microprocessor Serial Interface - Serial Data Output.
This pin serially outputs the contents of the specified Command Register during
Read Operations. The data on this pin is updated on the falling edge of the
SCLK input signal. This pin is tri-stated upon completion of data transfer.
Hardware Mode - Line Code Violation Output Indicator.
This pin pulses “High” for one bit period any time the Receive Section of the
XRT7300 detects a Line Code Violation in the incoming E3, DS3 or STS-1 Data
Stream.
21
SCLK/(ENCO-
DIS)
I
Microprocessor Serial Interface Clock Signal/Encoder Disable:
HOST Mode - Microprocessor Serial Interface Clock Signal
This signal is used to sample the data on the SDI pin on the rising edge of this
signal. Additionally, during Read operations the Microprocessor Serial Interface
updates the SDO output on the falling edge of this signal.
Hardware Mode - B3ZS/HDB3 Encoder Disable
Setting this input pin “High” disables the B3ZS/HDB3 Encoder and configures
the XRT7300 to transmit the line signal in an AMI Format.
Setting this input pin “Low” enables the B3ZS/HDB3 Encoder and configures the
XRT7300 to transmit the line signal in the B3ZS format (for DS3/STS-1 opera-
tion) or in the HDB3 format (for E3 operation).
22
CS/(DECODIS)
I
Microprocessor Serial Interface - Chip Select/Decoder Disable
The function of this input pin depends upon whether the XRT7300 is operating in
the HOST or the Hardware Mode.
HOST Mode - Chip Select Input:
The Local Microprocessor must assert this pin (e.g., set it to “0”) in order to
enable communication with the XRT7300 via the Microprocessor Serial Inter-
face.
Hardware Mode - (B3ZS/HDB3 Decoder Disable)
Setting this input pin “High” disables the B3ZS/HDB3 Decoder. Setting this input
pin “Low” enables the B3ZS/HDB3 Decoder.
23
RLOL
O
Receive Loss of Lock Output Indicator
This output pin toggles “High” if the XRT7300 has detected a Loss of Lock Con-
dition. The XRT7300 declares an LOL (Loss of Lock) Condition if the recovered
clock frequency deviates from the Reference Clock frequency (available at the
EXCLK input pin) by more than 0.5%.
24
RLOS
O
Receive Loss of Signal Output Indicator
This output pin toggles “High” if the XRT7300 has detected a Loss of Signal
Condition in the incoming line signal.
The criteria the XRT7300 uses to declare an LOS Condition depends upon
whether the device is operating in the E3 or DS3/STS-1 Mode.
25
GND
****
Digital GND
26
VDD
****
Digital VDD
PIN DESCRIPTION
PIN #SYMBOL
TYPE
DESCRIPTION


Similar Part No. - XRT7300IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7300IVTRF EXAR-XRT7300IVTRF Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRT7300IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
   3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com