Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-68629 Datasheet(PDF) 2 Page - Exar Corporation

Part # PE-68629
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

PE-68629 Datasheet(HTML) 2 Page - Exar Corporation

  PE-68629 Datasheet HTML 1Page - Exar Corporation PE-68629 Datasheet HTML 2Page - Exar Corporation PE-68629 Datasheet HTML 3Page - Exar Corporation PE-68629 Datasheet HTML 4Page - Exar Corporation PE-68629 Datasheet HTML 5Page - Exar Corporation PE-68629 Datasheet HTML 6Page - Exar Corporation PE-68629 Datasheet HTML 7Page - Exar Corporation PE-68629 Datasheet HTML 8Page - Exar Corporation PE-68629 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
XRT7300
áç
áç
áç
áç
E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.1.1
2
ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT7300IV
44 Pin TQFP (10mm x 10mm)
-40°C to +85°C
FIGURE 2. PIN OUT OF THE XRT7300 IN THE 44 PIN TQFP
LCV/(RCLK2)
44
43
42
41
40
39
38
37
36
35
34
12
13
14
15
16
17
18
19
20
21
22
23
24
33
32
31
30
29
28
27
26
25
XRT7300
(Top View)
TxLEV
TAOS
VDD
DMO
GND
RTIP
GND
GND
RRING
VDD
REGRESET/
RCLK2INV
RPOS
RNEG
RCLK1
VDD
VDD
GND
EXCLK
GND
RLOS
RLOL
11
10
1
2
3
4
5
6
7
8
9


Similar Part No. - PE-68629

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68629 PULSE-PE-68629 Datasheet
115Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
PE-68629 PULSE-PE-68629 Datasheet
125Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
PE-68629 PULSE-PE-68629 Datasheet
154Kb / 8P
   TRANSFORMERS
PE-68629NL PULSE-PE-68629NL Datasheet
125Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
PE-68629NL PULSE-PE-68629NL Datasheet
920Kb / 4P
   RoHS peak reflow temperature rating 245
More results

Similar Description - PE-68629

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
   3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com