Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1567 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC1567
Description  Silicon PNP epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1567 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC1567 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1567 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1567 Datasheet HTML 3Page - Panasonic Semiconductor 2SC1567 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Transistors
1
Publication date: February 2003
SJD00001BED
2SA0794 (2SA794), 2SA0794A (2SA794A)
Silicon PNP epitaxial planar type
For low-frequency output driver
Complementary to 2SC1567, 2SC1567A
■ Features
• High collector-emitter voltage (Base open) V
CEO
• Optimum for the driver stage of low-frequency and 40 W to 100 W
output amplifier
• TO-126B package which requires no insulation plate for installa-
tion to the heat sink
■ Absolute Maximum Ratings T
a
= 25°C
■ Electrical Characteristics T
a
= 25°C ± 3°C
Unit: mm
1: Emitter
2: Collector
3: Base
TO-126B-A1 Package
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Rank
Q
R
hFE1
90 to 155
130 to 220
Parameter
Symbol
Rating
Unit
Collector-base voltage
2SA0794
VCBO
−100
V
(Emitter open)
2SA0794A
−120
Collector-emitter voltage 2SA0794
VCEO
−100
V
(Base open)
2SA0794A
−120
Emitter-base voltage (Collector open)
VEBO
−5V
Collector current
IC
− 0.5
A
Peak collector current
ICP
−1A
Collector power dissipation
PC
1.2
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage
2SA0794
VCEO
IC = −100 µA, IB = 0
−100
V
(Base open)
2SA0794A
−120
Emitter-base voltage (Collector open)
VEBO
IE = −1 µA, IC = 0
−5V
Forward current transfer ratio
hFE1 *
VCE = −10 V, IC = −150 mA
90
220
hFE2
VCE
= −5 V, I
C
= −500 mA
50
100
Collector-emitter saturation voltage
VCE(sat)
IC = −500 mA, IB = −50 mA
− 0.2
− 0.4
V
Base-emitter saturation voltage
VBE(sat)
IC = −500 mA, IB = −50 mA
− 0.85 −1.20
V
Transition frequency
fT
VCB
= −10 V, I
E
= 50 mA, f = 200 MHz
120
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
20
30
pF
(Common base, input open circuited)
Note) The part numbers in the parenthesis show conventional part number.
8.0
+0.5
–0.1
3.2±0.2
0.75±0.1
0.5±0.1
2.3±0.2
4.6±0.2
0.5±0.1
1.76±0.1
123
φ 3.16±0.1


Similar Part No. - 2SC1567

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
logo
Inchange Semiconductor ...
2SC1567 ISC-2SC1567 Datasheet
126Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC1567 SAVANTIC-2SC1567 Datasheet
104Kb / 3P
   Silicon NPN Power Transistors
2SC1567 SAVANTIC-2SC1567 Datasheet
106Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC1567 NJSEMI-2SC1567 Datasheet
126Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - 2SC1567

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com