Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3802L30DCKRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3802L30DCKRG4
Description  ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3802L30DCKRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3802L30DCKRG4 Datasheet HTML 1Page - Texas Instruments TPS3802L30DCKRG4 Datasheet HTML 2Page - Texas Instruments TPS3802L30DCKRG4 Datasheet HTML 3Page - Texas Instruments TPS3802L30DCKRG4 Datasheet HTML 4Page - Texas Instruments TPS3802L30DCKRG4 Datasheet HTML 5Page - Texas Instruments TPS3802L30DCKRG4 Datasheet HTML 6Page - Texas Instruments TPS3802L30DCKRG4 Datasheet HTML 7Page - Texas Instruments TPS3802L30DCKRG4 Datasheet HTML 8Page - Texas Instruments TPS3802L30DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.ti.com
FUNCTION/TRUTH TABLE, TPS380x
L
RESET
H
L
L
0
VDD>VIT
1
0
1
L
MR
H
H
L
VDD
30 k
R2
_
+
R1
VDD
GND
RESET
MR
TPS380x
Oscillator
Reference
Voltage
of 1.14 V
Reset
Logic
+
Timer
TPS3800-xx
TPS3801-xx
TPS3802-xx
SLVS219C – AUGUST 1999 – REVISED JULY 2003
TIMING REQUIREMENTS
at R
L = 1 MΩ, CL = 50 pF, TA = 25°C
parameter
TEST CONDITIONS
min
TYP
max
unit
at SENSE
VDD = 1.6 V,VIH = 1.1 × VIT-, VIL = 0.9 × VIT-
1
µs
tw
Pulse width
at VDD
VDD = VIT- + 0.2 V, VDD = VIT- -0.2 V
3
at MR
VDD ≥ VIT- + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
100
ns
SWITCHING CHARACTERISTICS
at R
L = 1 MΩ, CL = 50 pF, TA = 25°C
parameter
TEST CONDITIONS
min
TYP
max
unit
TPS3801T50
15
25
35
VDD ≥ VIT- + 0.2 V,
TPS3800
60
95
140
td
RESET recovery delay time
MR
≥ 0.7 × V
DD
ms
TPS3801
120
200
280
See timing diagram
TPS3802
240
380
560
VDD ≥ VIT- + 0.2 V,
MR to RESET delay
VIL = 0.3 × VDD,
15
ns
Propagation (delay) time, high-to-low-level
VIH = 0.7 × VDD
tPHL
output
VDD to RESET delay
VIL = VIT- - 0.2 V,
1
µs
VIH = VIT- + 0.2 V
SENSE to RESET
FUNCTIONAL BLOCK DIAGRAM
Figure 1. functional block diagram
4


Similar Part No. - TPS3802L30DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3802L30DCKRG4 TI1-TPS3802L30DCKRG4 Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3802L30DCKRG4 TI1-TPS3802L30DCKRG4 Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TPS3802L30DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3801J25 TI-TPS3801J25 Datasheet
126Kb / 9P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX_17 Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com