Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMER250C-241000Z Datasheet(PDF) 2 Page - AIMTEC

Part # AMER250C-241000Z
Description  up to 10,000mA | AC-DC LED driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER250C-241000Z Datasheet(HTML) 2 Page - AIMTEC

  AMER250C-241000Z Datasheet HTML 1Page - AIMTEC AMER250C-241000Z Datasheet HTML 2Page - AIMTEC AMER250C-241000Z Datasheet HTML 3Page - AIMTEC AMER250C-241000Z Datasheet HTML 4Page - AIMTEC AMER250C-241000Z Datasheet HTML 5Page - AIMTEC AMER250C-241000Z Datasheet HTML 6Page - AIMTEC AMER250C-241000Z Datasheet HTML 7Page - AIMTEC AMER250C-241000Z Datasheet HTML 8Page - AIMTEC AMER250C-241000Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Series AMER250C-Z
up to 10,000mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R0
2 of 11
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
90
260
KHz
Over current protection
Refer to Constant Current vs. Constant Voltage Mode curve
Over voltage protection
Refer to Constant Current vs. Constant Voltage Mode curve
Short circuit protection
Continuous, Hiccup Mode
Short circuit restart
Auto Recovery
Open circuit protection
Continuous, Hiccup Mode
Over Temperature Protection
115Vac Threshold
– Shutdown Output
+98
oC
230Vac Threshold
– Shutdown Output
+106
oC
Hysteresis
– Auto Recovery
85
oC
Operating temperature
With Derating over 60 oC
-40 to +70
oC
Storage temperature
-40 to +85
oC
Maximum Case temperature
95
oC
Temperature coefficient
0.03
% / oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Aluminum
Potting material
polysiloxane
IP Rating
IP65/67
Weight
1245
g
Dimensions (L X W X H)
9.66 x 2.70 x 1.65 inches 245.4 x 68.7 x 42.0 mm
MTBF
>450,000 hrs (MIL-HDBK-217F at +25°C)
Safety Specifications
Parameters
Standards
Electromagnetic Interference
EN55015 / FCC Part 15, Class B
Harmonic Current Emissions
EN61000-3-2, Class B
Voltage fluctuations and flicker
EN61000-3-3
Electrostatic Discharge Immunity
EN61000-4-2, 8kV Air, 4kV Contact, Level 3, Criteria A
RF, Electromagnetic Field Immunity
EN61000-4-3, Test-RS Level 3, Criteria A
Electrical Fast Transient / Burst Immunity
EN61000-4-4, Burst EFT Level 3, Criteria A
Surge Immunity
EN61000-4-5, Line to Neutral 4kV, Line/Neutral to FG 6kV
RF, Conducted Disturbance Immunity
EN61000-4-6. Test-CS Level 3, Criteria A
Power frequency Magnetic Field Immunity
EN61000-4-8, Test 3A/m, Criteria A
Voltage dips, Short Interruptions Immunity
EN61000-4-11, Criteria B
Electromagnetic Immunity Requirements Applies
to Lighting Equipment
EN61547-2000
Application circuit
AC
1st LED
LED
LED
Vo-
AC-L
AC-N
0-10V
R
10V
DIM+
Vo+
DIM-
FG


Similar Part No. - AMER250C-241000Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER250C-241000Z AIMTEC-AMER250C-241000Z Datasheet
815Kb / 11P
   up to 10,000mA | AC-DC LED driver
More results

Similar Description - AMER250C-241000Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER250C-Z AIMTEC-AMER250C-Z Datasheet
815Kb / 11P
   up to 10,000mA | AC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMER120C-Z AIMTEC-AMER120C-Z Datasheet
909Kb / 6P
   up to 1700mA | AC-DC LED driver
AMER60N-Z AIMTEC-AMER60N-Z Datasheet
841Kb / 6P
   up to 1600mA | AC-DC LED driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com