Electronic Components Datasheet Search |
|
IFRM-04P35B1-KS35PL Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG |
|
IFRM-04P35B1-KS35PL Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG |
|
1 / 1 page 30/3/2017 IFRM 04P35B1/KS35PL IFRM 04P35B1/KS35PL Inductive proximity switch Inductive sensors www.baumer.com general data mounting type flush nominal sensing distance Sn 0,8 mm hysteresis 2 ... 20 % of Sr output indicator LED red electrical data switching frequency < 3 kHz voltage supply range +Vs 10 ... 30 VDC current consumption max. (no load) 12 mA output circuit PNP break function (NC) voltage drop Vd < 2 VDC output current < 100 mA short circuit protection yes reverse polarity protection yes mechanical data type cylindrical threaded material (sensing face) POM housing material stainless steel dimension 4 mm housing length 22 mm connection types flylead connector M8 ambient conditions operating temperature -25 ... +75 °C protection class IP 67 photo dimension drawing M4 x 0,5 M8 x 1 SW 6 LED standard cable length 200 mm (L) connection diagram output +VS PNP BU (3) BN (1) BK (4) Z 0 V |
Similar Part No. - IFRM-04P35B1-KS35PL |
|
Similar Description - IFRM-04P35B1-KS35PL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |