Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3274L Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK3274L
Description  Slilicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3274L Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK3274L Datasheet HTML 1Page - Renesas Technology Corp 2SK3274L Datasheet HTML 2Page - Renesas Technology Corp 2SK3274L Datasheet HTML 3Page - Renesas Technology Corp 2SK3274L Datasheet HTML 4Page - Renesas Technology Corp 2SK3274L Datasheet HTML 5Page - Renesas Technology Corp 2SK3274L Datasheet HTML 6Page - Renesas Technology Corp 2SK3274L Datasheet HTML 7Page - Renesas Technology Corp 2SK3274L Datasheet HTML 8Page - Renesas Technology Corp 2SK3274L Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SK3274 (L), 2SK3274 (S)
Rev.3.00 May 15, 2006 page 4 of 8
0.10
0.02
0.04
0.06
0.08
–40
0
40
80
120
160
0
0.1
0.3
3
10
30
100
50
20
10
2
1
5
0.5
1
25°C
Tc = –25°C
75°C
5 A, 10 A, 20 A
ID = 5 A, 10 A, 20 A
Drain Current
ID (A)
Forward Transfer Admittance vs.
Drain Current
VDS = 10 V
Pulse Test
Case Temperature
Tc (°C)
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
0.1
0.3
1
3
10
30
100
1000
200
500
100
20
50
10
0
10203040
50
5000
2000
100
200
500
1000
50
40
30
20
10
0
0
20
816
24
32
40
0
4
8
16
12
1000
100
300
1
3
10
30
0.1
0.3
1
3
10
30
100
20
50
10
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 30 A
VDS
VGS
VDD = 20 V
10 V
5 V
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
tr
td(on)
td(off)
tf
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage
VDS (V)
Drain Current
ID (A)
Switching Characteristics
Gate Charge
Qg (nC)
Dynamic Input Characteristics
VDD = 20 V
10 V
5 V
10 V
VGS = 4.5 V
VGS = 10 V, VDD = 30 V
PW = 5
µs, duty ≤ 1 %


Similar Part No. - 2SK3274L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK3274L VBSEMI-2SK3274L Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - 2SK3274L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0243DNS RENESAS-RJK0243DNS Datasheet
223Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0394DPA RENESAS-RJK0394DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0365DPA-02 RENESAS-RJK0365DPA-02_13 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B7DPA RENESAS-RJK03B7DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B9DPA RENESAS-RJK03B9DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B8DPA RENESAS-RJK03B8DPA_13 Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0397DPA RENESAS-RJK0397DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA RENESAS-RJK03E7DPA_13 Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03M2DPA RENESAS-RJK03M2DPA Datasheet
161Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com